PART |
Description |
Maker |
HYS72V2200GU-10 HYS72V2200GU-8 HYS64V2200GU-10 HYS |
Network Cable Assembly; Connector Type A:T568A/B Modular Plug; Connector Type B:T568A/B Modular Plug; Cable Length:7ft; Approval Categories:Augmented Category 6 standards; cord color per TIA/EIA-606 standard RoHS Compliant: Yes 3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module 4M X 64 SYNCHRONOUS DRAM MODULE, 8 ns, DMA168 3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module 2M X 72 SYNCHRONOUS DRAM MODULE, 8 ns, DMA168 3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module 2M X 64 SYNCHRONOUS DRAM MODULE, 8 ns, DMA168 KPT 3C 3#20 SKT PLUG 3.3 2米x 64/72-Bit一银行内存模块3.3 4米64/72-Bit 2银行内存模块 3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module 4M X 72 SYNCHRONOUS DRAM MODULE, 6 ns, DMA168 3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module 2M X 64 SYNCHRONOUS DRAM MODULE, 6 ns, DMA168 3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module 4M X 64 SYNCHRONOUS DRAM MODULE, 6 ns, DMA168 3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|
HM5425161BTT-10 HM5425401BTT-10 HM5425801BTT-10 HM |
256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank/ 16-Mword 4-bit 4-bank 16M X 16 DDR DRAM, 0.75 ns, PDSO66 256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank/ 16-Mword 4-bit 4-bank 64M X 4 DDR DRAM, 0.75 ns, PDSO66 256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank/ 16-Mword 4-bit 4-bank 256M SSTL_2 DDR SDRAM的接43 MHz/133 MHz/125 MHz/100 MHz Mword6位-bank/8-Mword位银行/ 16 Mword位 -银行 256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword × 16-bit × 4-bank/8-Mword × 8-bit × 4-bank/ 16-Mword × 4-bit × 4-bank
|
Elpida Memory, Inc.
|
HM5216805 HM5216805LTT-10H HM5216805TT-10H HM52168 |
16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword ? 8-bit ? 2-bank/2-Mword ? 4-bit ? 2-bank
|
Hitachi Semiconductor
|
IDT72T20108 IDT72T2098 IDT72T20128 |
2.5 VOLT HIGH-SPEED TeraSync? DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
|
IDT
|
HM52Y25405B-B6 HM52Y25405BTT-B6 HM52Y25165B-B6 HM5 |
256M SDRAM 100 MHz 4-Mword × 16-bit × 4-bank /16-Mword × 4-bit × 4-bank 256M SDRAM 100 MHz 4-Mword 隆驴 16-bit 隆驴 4-bank /16-Mword 隆驴 4-bit 隆驴 4-bank
|
Elpida Memory
|
HM5259165B HM5259165B-75 HM5259165B-A6 HM5259165BT |
512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 】 16-bit 】 4-bank/16-Mword 】 8-bit 】 4-bank /32-Mword 】 4-bit 】 4-bank PC/133, PC/100 SDRAM 512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 16-bit 4-bank/16-Mword 8-bit 4-bank /32-Mword 4-bit 4-bank PC/133, PC/100 SDRAM
|
ELPIDA[Elpida Memory]
|
IDT72T2098L7BBI IDT72T20118L7BB IDT72T20108L7BBI I |
2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION 2.5 VOLT HIGH-SPEED TeraSync?/a> DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
|
Integrated Device Technology
|
5216165 |
1,048,576-word ′ 8-bit ′ 2-bank Synchronous Dynamic RAM
(SSTL-3)
2,097,152-word ′ 4-bit ′ 2-bank Synchronous Dynamic RAM
(SSTL-3) From old datasheet system
|
hitachi
|
HM5216808CSERIES 5216808C |
1,048,576-word ′ 8-bit ′ 2-bank Synchronous Dynamic RAM
(SSTL-3)
2,097,152-word ′ 4-bit ′ 2-bank Synchronous Dynamic RAM
(SSTL-3) From old datasheet system
|
hitachi
|
HM5216808/5216408C HM5216808CTT-80 |
1048576-word*8-bit*2-bank synchronous dynamic RAM(SSTL-3)
2097152-word*8-bit*2-bank synchronous dynamic RAM(SSTL-3) x8 SDRAM x8 SDRAM内存
|
Hitachi,Ltd.
|
IDT70V7278S |
HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
|
Integrated Device Technology
|
HYS72D16500GR-7-A HYS72D32501GR-8-A |
256MB (32Mx72) PC1600 1-bank DDR SDRAM Modules - 128MB (16Mx72) PC2100 1-bank
|
Infineon
|