PART |
Description |
Maker |
ST083S04PFM0 ST083S08PFM0 ST083S04PFN0 ST083S08PFN |
INVERTER GRADE THYRISTORS 晶闸管逆变器级 1200V 135A Inverter Thyristor in a TO-209AC (TO-94) package 1000V 135A Inverter Thyristor in a TO-209AC (TO-94) package 800V 135A Inverter Thyristor in a TO-209AC (TO-94) package 400V 135A Inverter Thyristor in a TO-209AC (TO-94) package
|
International Rectifier, Corp.
|
ST333C..LSERIES 2695 ST333C04LFM0 ST333C08LFM0 ST3 |
Stratix II FPGA 130K FBGA-1508 800V230A逆变晶闸管采用TO - 200AC(乙,北辰)封装 INVERTER GRADE THYRISTORS From old datasheet system 400V 1230A Inverter Thyristor in a TO-200AC (B-Puk) package 800V 1230A Inverter Thyristor in a TO-200AC (B-Puk) package
|
STMicroelectronics N.V. International Rectifier
|
KIC7WZ05FK |
Triple Inverter (Open Drain) SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
HCF4069UM013TR HCF4069UB HCF4069UBEY HCF4069UBM1 H |
CERAMIC CHIP/MIL-PRF-55681 HEX INVERTER HEX INVERTER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PSI350/24 PSI350/12/EU |
INVERTER 350W 24V DC TO AC 逆变50W24V直流到交 INVERTER 350W 12V DC TO AC 逆变50W12V直流到交
|
TRACO ELECTRONIC AG Shin Chin Industrial Co., Ltd.
|
NL17SV04XV5T2 |
Single Input Inverter, Ultra-Low Voltage Single Inverter
|
ON Semiconductor
|
74AC14 74AC14B 74AC14M 74AC14MTR 5040 74AC14TTR |
HEX SCHMITT INVERTER From old datasheet system HEX INVERTER
|
STMICROELECTRONICS[STMicroelectronics]
|
LXMG1617A-05-2X10 LXMG1617A-05-21 |
5V 2.2W CCFL Programmable Inverter Module CCFL Inverter Module - Single Lamp; Package: MODULE; VIN (V): 5.25; VLAMP (V): 435; VACUUM FLUOR DISPLAY DRIVER, DMA10
|
Microsemi Corporation Microsemi, Corp.
|
M74HCU04B1R M74HCU04C1R M74HCU04M1R M54HCU04K1 M54 |
RAD HARD HEX INVERTER (SINGLE STATE) HEX INVERTER SINGLE STAGE
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FX204LH FX204 FX204J |
VSB freguency inverter VSB FREQUENCY INVERTER
|
CONSUMER MICROCIRCUITS LIMITED CMLMICRO[CML Microcircuits]
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|