PART |
Description |
Maker |
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
BT136-600E127 |
Triacs sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 4 A; V<sub>DRM</sub>: 600 V; Package: week 1, 2005 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V.
|
MAC97A6 MAC97A4 MAC97A8 MAC97-6 MAC97-8 |
CONVERTER DC-DC 20W 24V/5V DUAL TRIACs 0.8 AMPERE RMS 200 - 600 VOLTS 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
CQ218I-25DLEADFREE CQ218I-25NLEADFREE CQ218I-40MLE |
400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 25 AMP TRIAC 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 ISOLATED TAB TRIAC 6.0AMP, 200 THRU 800 VOLTS 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 25 AMP TRIAC 200 THRU 800 VOLTS 400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 200 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
TIC253D TIC253M |
400 V, 20 A, 4 QUADRANT LOGIC LEVEL TRIAC 600 V, 20 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
BOURNS INC
|
CQ92MLEADFREE |
600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
CENTRAL SEMICONDUCTOR CORP
|
BT138BSERIES BT138B-600G/T3 |
600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs
|
NXP SEMICONDUCTORS Philips
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
CQ202-4MS CQ202-4BS |
4.0 AMP TRIAC 200 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-202 4.0 AMP TRIAC 200 THRU 800 VOLTS 200 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-202
|
Central Semiconductor, Corp.
|
|