PART |
Description |
Maker |
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2N5682 2N5681 2N5681SMD |
100V Vce, 1A Ic, 30MHz NPN bipolar transistor NPN SILICON TRANSISTORS Expitaxial Planar NPN Transistors In jedec TO-39 Metal Case(大功率、外延平面NPN晶体管(TO-39金属封装,用于通用、放大器、开关电路))
|
SEME-LAB[Seme LAB] Semelab(Magnatec)
|
2N5209 2N5210 ON0057 2N5209-D 2N5210RLRA 2N5209RLR |
Amplifier Transistors NPN Silicon Ampllfler Translstor From old datasheet system Amplifier Transistors(NPN Silicon) Amplifier Transistor NPN
|
ON Semiconductor
|
2N3903 |
NPN Silicon General Purpose Transistors(NPN通用型晶体管) 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors(NPN Silicon)
|
Motorola Mobility Holdings, Inc. ON Semiconductor
|
2SC4159 2SA1606 A1606 |
2SA1606 NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF 100W Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors for High-Voltage SwitchingAF 100W Driver Application(用于高电压转换,AF 100W驱动器应用的NPN硅外延平面型晶体
|
Sanyo Semicon Device Sanyo Electric Co.,Ltd.
|
2SB1455 2SD2203 |
NPN Epitaxial Planar Silicon Transistors 80V/7A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4614 2SA1770 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1246 2SC3114 |
NPN Epitaxial Planar Silicon Transistors High-Vebo, AF Amp Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1204 2SD1804 |
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BF495 BF494 |
NPN SILICON PLANAR EPITAXIAL TRANSISTORS NPN SILICON RF SMALL SIGNAL TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
2SB1141 2SD1681 |
NPN Epitaxial Planar Silicon Transistors 18V/1.2A Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|