PART |
Description |
Maker |
ADSP-1401SD/883B |
Microprogram Sequencer 微程序序
|
Analog Devices, Inc.
|
CY7C910-51LMB CY7C910-93PC CY7C910-51DMB CY7C910-4 |
Microprogram Sequencer 微程序序
|
Cypress Semiconductor, Corp. Glenair, Inc. Rochester Electronics, LLC Molex, Inc. EPCOS AG
|
IDT49C410 |
16 Bit CMOS Microprogram Sequencer
|
IDT
|
MA2911 |
(MA2909 / MA2911) RADIATION HARD MICROPROGRAM SEQUENCER
|
Gec Plessey
|
HSP45240 HSP45240883 HSP45240GM-25883 HSP45240GM-3 |
Address Sequencer 地址序列 Address Sequencer 7-BIT, DSP-ADDRESS SEQUENCER, CPGA68
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM1069 EVAL-ADM1069LQEB ADM1069ACP-REEL |
SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS 超时序与裕度控制以及辅助ADC输入商标 Compact Multisupply Supervisor/Sequencer with Margining Control
|
Analog Devices, Inc.
|
ISL8700IBZ ISL8701 ISL8701IBZ ISL8702 ISL8702IBZ I |
Adjustable Quad Sequencer; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R DSP-ADDRESS SEQUENCER, PDSO14
|
Intersil Corporation Intersil, Corp.
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
AD7934 EVAL-CONTROLBRD2 AD7933 AD7933BRU AD7934BRU |
4-Channel, 1.5 MSPS, 12-Bit, Parallel ADC with a Sequencer in a 28-TSSOP Package 4-Channel, 1.5 MSPS, 10-Bit, Parallel ADC with a Sequencer in a 28-TSSOP Package 4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
|
AD[Analog Devices]
|
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|