PART |
Description |
Maker |
2661021801 |
Higher Frequencies 250-1000 MHz
|
Fair-Rite Products Corp.
|
TPR1000 |
Transponder/ 1090 MHz, Class C, Common Base, Pulsed; P(out) (W): 1000; P(in) (W): 250; Gain (dB): 6; Vcc (V): 50; Pulse Width (µsec): 10; Duty Cycle (%): 1; Case Style: 55KV-1 L BAND, Si, NPN, RF POWER TRANSISTOR 1000 Watts, 45 Volts, Pulsed Avionics 1090 MHz high power COMMON BASE bipolar transistor.
|
Microsemi, Corp. ETC[ETC] GHZTECH[GHz Technology] List of Unclassifed Manufacturers
|
H0115 2A0755 |
1000 MHz - 2000 MHz RF/MICROWAVE SINGLE BALANCED MIXER, 8 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz, RF/MICROWAVE PHASE SHIFTER
|
ANAREN INC
|
10A030 |
3 W, 20 V, 1000 MHz common emitter transistor 3 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHz Technology ETC[ETC] List of Unclassifed Manufacturers
|
EMDC-10-1-75TR EMDC-10-1-75 |
5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX E-Series Coupler 5 - 1000 MHz
|
MACOM[Tyco Electronics]
|
ESDC-17-3-75 |
5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX E-Series Coupler 5-1000 MHz
|
Tyco Electronics
|
FAR-F6CE-1G9600-L2XB FAR-F6CE-1G9600-L2XB-U FAR-F6 |
1 FUNCTIONS, 2441.8 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 2484 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER SWITCH SW DIP 5 5POS Aluminum Snap-In Capacitor; Capacitance: 3300uF; Voltage: 50V; Case Size: 22x35 mm; Packaging: Bulk Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Mini-Circuits Fujitsu Limited http:// Fujitsu Component Limited.
|
ACLM4538C3R1K ACLM4538C36 ACLM4538C371K ACLM4538C3 |
100 MHz - 1100 MHz RF/MICROWAVE LIMITER HERMETIC SEALED, CASE C36 100 MHz - 1100 MHz RF/MICROWAVE LIMITER HERMETIC SEALED, CASE C37 1000 MHz - 8000 MHz RF/MICROWAVE LIMITER 1000 MHz - 4000 MHz RF/MICROWAVE LIMITER 500 MHz - 18000 MHz RF/MICROWAVE LIMITER
|
|
ADC-18-4-75R |
Directional Coupler 75楼? 20 to 1000 MHz Directional Coupler 75惟 20 to 1000 MHz Directional Coupler 75Ω 20 to 1000 MHz
|
Mini-Circuits
|
ADC-20-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50惟 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits
|