PART |
Description |
Maker |
Q62702-F1772 BF2000W |
From old datasheet system Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise/ gain-controlled input stages up to 1 GHz) Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz) UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, MOSFET
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
Q62702-F1129 BF998 |
Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise/ gain-controlled input stages up to 1 GHz) Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
SUD15P01-52 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) ZENER DIODES P-Channel 8-V (D-S), 175 C MOSFET P-Channel 8-V (D-S), 175C MOSFET
|
Vishay Siliconix
|
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
CMLM8205 |
SURFACE MOUNT P-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
CMLM020510 |
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
2SK4177 2SK4177-DL-E K4177-TL |
2 A, 1500 V, 13 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
2SK4183 |
N-Channel Silicon MOSFET General-Purpose Switching Device Applications 13 A, 525 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device
|
2SJ503 2SJ503TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 30V V(BR)DSS | 4A I(D) | TO-251VAR 晶体管| MOSFET的| P通道| 30V的五(巴西)直| 4A条(丁)|51VAR Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| P通道| 30V的五(巴西)直| 4A条(丁)|52VAR P-Channel Silicon MOSFET DC/DC Converter Applications
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
IRF5800 IRF5800TR IRF580003 |
Ultra Low On-Resistance, P-Channel MOSFET -30V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package
|
International Rectifier
|
STS11NF3LL |
N-CHANNEL PowerMESH MOSFET N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
Q62702-F1587 BF1012W |
From old datasheet system SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
|
SIEMENS[Siemens Semiconductor Group]
|