PART |
Description |
Maker |
HM62W8128BLFP-12SRS HM62W8128BLT-12SRS HM62W8128BL |
x8 SRAM x8SRAM
|
Electronic Theatre Controls, Inc.
|
LH5118-10 LH5118HN-10 LH5118D-10 LH5118H-10 LH5118 |
x8 SRAM x8SRAM
|
|
HM6116ALP-10 HM6116ALP-12 HM6116ALP-15 HM6116ALP-2 |
x8 SRAM x8的SRAM x8SRAM
|
NXP Semiconductors N.V.
|
HM62V8128 |
131072 x 8-Bit High Speed CMOS SRAM
|
Hitachi
|
HM62256LP-10 HM62256LP-10SL HM62256P-8 HM62256P-15 |
x8 SRAM x8的SRAM SMA type, Screw lock coupling, Standard coaxial connectors; HRS No: 323-0907-9 00; Contact Mating Area Plating: Gold x8SRAM
|
Hitachi,Ltd.
|
CXK5B81020J CXK5B81020J-12 CXK5B81020TM CXK5B81020 |
131072-word ′ 8-bit High Speed Bi-CMOS Static RAM 131072-word ? 8-bit High Speed Bi-CMOS Static RAM 131072-word 8-bit High Speed Bi-CMOS Static RAM 131072-word 8-bit High Speed Bi-CMOS Static RAM 131072字?8位高速双CMOS静态RAM 128 x 64 pixel format, LED Backlight available 131072字?8位高速双CMOS静态RAM
|
SONY[Sony Corporation] Sony, Corp.
|
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
UPD27C1000A |
131072 x 8-Bit CMOS UV EPROM
|
NEC Electronics
|
CXK591000TM/YM/M-10LL CXK591000TM/YM/M-70LL CXK591 |
131072-word x 9-bit High Speed CMOS Static RAM 131072-word x 9-bit High Speed CMOS Static RAM 131072字9位高速CMOS静态RAM
|
SONY Vishay Intertechnology, Inc.
|
HN27C101AG |
131072-word 8-bit CMOS UV Erasable and Programmable ROM
|
Hitachi Semiconductor
|
CXK5V81000ATM-10LLX CXK5V81000ATM-85LLX |
131072-word x 8-bit High Speed CMOS Static RAM
|
SONY
|