PART |
Description |
Maker |
STU26NM60 STU26NM60I |
26 A, 600 V, 0.135 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 26A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 600V的五(巴西)直|6A条(丁)|20VAR N-CHANNEL 600V 0.125 OHM 26A TO-247/MAX220/MAX220I ZENER-PROTECTED MDMESH POWER MOSFET
|
STMICROELECTRONICS Integrated Device Technology, Inc. SGS Thomson Microelectronics
|
APT6040 APT6040BN APT6045BN |
POWER MOS IV 600V 18.0A 0.40 Ohm / 600V 17.0A 0.45 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
STD1NC60 STD1NC60T4 STD1NC60-1 |
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh⑩II MOSFET N沟道600V 7ohm - 1.4A的DPAK /像是iPak PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMeshII MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
NDF10N60ZG |
10A 600V 0.65 Ohm Single N-Channel TO-220FP MOSFET 6 A, 600 V, 0.75 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
S1HNK60 STS1HNK60 |
N-CHANNEL 600V - 8 OHM - 0.3A SO-8 SUPERMESH POWER MOSFET N沟道600V 8欧姆- 0.3A的SO - 8 SUPERMESH功率MOSFET N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
STS1NC60 |
N-CHANNEL 600V 12 OHM 0.3A SO-8 POWERMESH II MOSFET N-CHANNEL PowerMESH MOSFET N-CHANNEL 600V 12 OHM 0.3A SO-8 POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH⑩II MOSFET N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD2NC60 STD2NC60-1 STD2NC60T4 |
N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMeshII MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh⑩II MOSFET N-CHANNEL MOSFET
|
STMicroelectronics ST Microelectronics
|
MMP60R290PC MMP60R290PCTH |
600V 0.29(ohm) N-channel MOSFET
|
MagnaChip Semiconductor...
|
STN1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SOT-223 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMeshII MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A - SOT - 223封装MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STE70NM60 9410 |
N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET N-CHANNEL 600V - 0.050 OHM - 70A ISOTOP ZENER-PROTECTED MDMESH POWERMOSFET From old datasheet system
|
STMicroelectronics
|