PART |
Description |
Maker |
NDS9952ANL |
Dual N & P-Channel Enhancement Mode Field Effect Transistor 3.7 A, 30 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
FDS8928ANL |
Dual N & P-Channel Enhancement Mode Field Effect Transistor 5.5 A, 30 V, 0.03 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
FDMS5352 |
60V N-Channel Power Trench MOSFET; Package: Power 56 (PQFN); No of Pins: 8; Container: Tape & Reel 60V N-Channel Power TrenchMOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
MMFT2955E MMFT2955E-D MMFT2955ET1 MMFT2955ET1G MMF |
Power MOSFET 1 Amp, 60 Volts P-Channel(1A锛?0V锛?娌??澧?己?????OS?烘?搴??) Power MOSFET 1 Amp, 60 Volts P-Channel(1A60V,P沟道增强型功率MOS场效应管) Power MOSFET 1 Amp, 60 Volts P-Channel SOT-223
|
ON Semiconductor
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
ISL9205IRZ-T |
Li-ion Battery Charger; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16
|
Intersil, Corp.
|
HUF75343S3 HUF75343S3S HUF75343G3 HUF75343P3 HUF75 |
75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs 75 A, 55 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 75 A, 55 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NTD20P06L-1G |
Power MOSFET −60 V, −15.5 A, Single P−Channel, DPAK 15.5 A, 60 V, 0.15 ohm, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
LTC2925CUFTRPBF |
Multiple Power Supply Tracking Controller with Power Good Timeout; Package: QFN; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC24
|
Linear Technology, Corp.
|
ADM12914-2ARQZ-RL7 ADM12914-1ARQZ |
±0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor; Package: 16-QSOP (150mil); Temperature Range: -40°C to 125°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC1645CSPBF LTC1645CS8PBF LTC1645CS8TRPBF LTC1645 |
Dual-Channel Hot Swap Controller/Power Sequencer; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14 Dual-Channel Hot Swap Controller/Power Sequencer; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Dual-Channel Hot Swap Controller/Power Sequencer; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
|