PART |
Description |
Maker |
AU5780AD-T |
AUTOMOTIVE|POINT-TO-POINT TRANSCEIVER|SOP|8PIN|PLASTIC 汽车|点至点收发器|专科| 8引脚|塑料
|
NXP Semiconductors N.V.
|
XS3F-M421-402-R XS3F-M421-405-R |
Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
|
Omron Electronics LLC
|
U6057B |
Receiver for Point-to-Point Multiplex Systems
|
TEMIC Semiconductors
|
SPL-35-03-EBX-IDFM |
Up to 20km point-point transmission on SMF
|
Source Photonics, Inc.
|
CMWD149 |
Point to Point Radio Duplexer
|
API Technologies Corp
|
MC13191 |
The MC13191 is a short range, low power, 2.4 GHz band transceiver designed for low-cost,
simple point-to-point and star network applications.
|
FREESCALE
|
HMC258 |
Microwave Point-to-Point Radios
|
Micross Components
|
TS87C51U2NBSP TS80C51U2NBSP TS87C51U2 TS83C51U2 TS |
Single Point to Point IEEE 1355 High Speed Controller Double UART 8-bit CMOS Microcontroller From old datasheet system Double UART 8-bit microcontroller ROMless Double UART 8-bit microcontroller 16 Kbytes OTP
|
ATMEL Corporation
|
T10C T10C110 T10C140 T10C180 T10C220 T10C270 T10C8 |
3 Terminal configuration, matches G.D.T. pin configuration For Plug in Applications, fits in KRONE3 Point Connector Block 5B. 3端配置,比赛在应用程序插件GDT中引脚配置,适合在科龙⑩3点连接器5B条 3 Terminal configuration, matches G.D.T. pin configuration For Plug in Applications, fits in KRONE⑩ 3 Point Connector Block 5B. 3 Terminal configuration matches G.D.T. pin configuration For Plug in Applications fits in KRONE 3 Point Connector Block 5B. 3 Terminal configuration, matches G.D.T. pin configuration For Plug in Applications, fits in KRONE 3 Point Connector Block 5B. SiBOD
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
UPD77210GJ-8EN UPD77111F1-XXX-CN1 UPD77113AF1-XXX- |
16-bit fixed point digital signal processor for Audio decoder 16-bit fixed-point digital signal processor
|
NEC
|
ADSP-2195MBCA-140 ADSP-2195MBST-140 ADSP-2195MKCA- |
16-bit Fixed-Point DSP, 160 MIPS, 80 Kbytes RAM ADSP-2195 16-bit Fixed-Point DSP 140MHz; on-chip SRAM: 1.3M bit; DSP microcomputer 160MHz; on-chip SRAM: 1.3M bit; DSP microcomputer
|
Analog Devices
|
MAX8554 MAX8553 MAX8553EEE MAX8554EEE X8553-MAX855 |
4.5V to 28V Input. Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications Quadruple Positive-NAND Gates With Schmitt-trigger Inputs 14-CFP -55 to 125
|
Maxim Integrated Products, Inc.
|