PART |
Description |
Maker |
MPC7451RXPXPND MPC7451RXPXPNS |
MPC7451 Part Number Specification for the XPC7451RXnnnPx Series Part Number Specification for the XPC7451RXnnnPx Series
|
Motorola
|
MPC7455RXNXPNS |
MPC7455 Part Number Specification for the XPC74x5RXnnnNx Series part number spec
|
Motorola
|
MPC7450RXPXPND MPC7450RXPXPNS MPC7450PXPNS |
MPC7450 Specification for the XPC7450RXnnnPx Series part number specification pns Part Number Specification for the XPC7450RXnnnPx Series Part Number Specification for the XPC7451RXnnnPx Series
|
Motorola
|
1639000000 |
Terminal Block; Pitch Spacing:0.138"; Wire Size (AWG):28-14; Mounting Type:PCB Right Angle Thru Hole; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:1 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
22-05-7188 22-05-7028 |
22057188 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header, Right-Angle Friction Lock; Number of Contacts:2; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:7395; Body Material:PA Polyamide (Nylon); Contact Plating:Tin 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
1770740000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.138"; Wire Size (AWG):22-10; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Weidmuller, Corp.
|
22-56-6387 22-56-6207 22-56-6407 22-56-6187 |
CGrid SL Hsg Opt F DR 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp Housing; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female; Series:70450 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt F DR 40Ckt 22566187
|
Molex, Inc. MOLEX INC
|
90131-0130 90131-0932 90131-0925 90131-0931 90131- |
Header; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-F 22Ckt 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS .100 STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 40POS .100 STR TIN 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:50; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Tn-A 52Ckt 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid DR Vt Pn 6.75/2.90mm Au-E 2Ckt 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
5315TC-245XGBB |
OBSOLETE Change second to last letter to 'L' for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 2380 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
53048-0210 53048-0410 |
1.25mm PITCH WIRE-TO-BOARD SYSTEM THRU-HOLE RIGHT-ANGLE HEADERS - FIG. 3 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:4; Pitch Spacing:1.25mm; Number of Rows:1; Series:53048; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
DBA-25P-K87-F0 DBA-25P-K87-FO |
Datasheet for part number DBA25PK87-FO
|
ITT Industries
|
|