PART |
Description |
Maker |
D1861E040 D1861C2050 |
Telecomm/Datacomm 电信/数据通信
|
Electronic Theatre Controls, Inc.
|
ZL50111 |
Telecomm/Datacomm, Other - Datasheet Reference
|
Zarlink Semiconductor
|
MAX3952 MAX3952EGK |
Telecomm/Datacomm 10Gbps 16:1 Serializer
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
KS8993 KS8993M |
Telecomm/Datacomm, Other - Datasheet Reference 3 Port 10/100 Integrated Managed Switch
|
Micrel Semiconductor
|
L7581 L8581 |
Ringing / Tip/Ring and Line Card Access Switches Telecomm/Datacomm 电信/数据通信
|
Agere Systems Lineage Power, Corp.
|
V23826-K305-C13-D3 V23826-K305-C13-C3 V23826-K305- |
Telecomm/Datacomm Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
|
Infineon Technologies A...
|
AMBE2000 |
Telecomm/Datacomm, Other - Datasheet Reference From old datasheet system
|
Digital Voice Systems Inc
|
M-980-02P |
Telecomm/Datacomm, Other - Datasheet Reference From old datasheet system
|
Clare (C P), Solid State Products
|
G65SC51 G65SC51-1 G65SC51-2 G65SC51-3 G65SC51-4 G6 |
CMOS ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER Telecomm/Datacomm Communications Interface 通信接口
|
California Micro Devices Co... CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|