PART |
Description |
Maker |
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
AD816AVR AD816AY AD816AYS AD816 |
500 mA Differential Driver and Dual Low Noise VF Amplifiers 500mA Differential Driver and Dual Low Noise Amplifier for the AD20msp910 chipset
|
AD[Analog Devices]
|
LT6600IS8-20 LT6600CS8-20 LT6600-20 LT6600-2.5 |
Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter Very Low Noise, Differential Amplifier and 20MHz Lowpass Filter
|
LINER[Linear Technology]
|
LTC6401-14 LTC6401CUD-14-PBF LTC6401CUD-14-TRPBF L |
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
|
Linear Integrated Systems Linear Technology
|
LTC6400-26 LTC6400CUD-26-PBF LTC6400CUD-26-TRPBF L |
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology
|
LT1993CUD-4 |
900MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 4V/V)
|
Linear Technology
|
LT6200 LT6202 LT6203 LTC6400-20 LTC6401-20 LTC6401 |
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
|
Linear Technology http://
|
LT1993-10 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V)
|
linear
|
LTC6403IUD-1-PBF LTC6403IUD-1-TRPBF LTC6403CUD-1-P |
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology
|
LT6600CDF-2.5PBF LT6600IDF-2.5TRPBF LT6600-2.5-15 |
Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C OP-AMP, 35000 uV OFFSET-MAX, PDSO12 Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C OP-AMP, 35000 uV OFFSET-MAX, PDSO12 Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
|
Linear Technology, Corp.
|