PART |
Description |
Maker |
LT5520EUFPBF LT5520EUFTR LT5520EUFTRPBF |
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
|
Linear Technology
|
LT5511 LT5511EFE |
High Signal Level Upconverting Mixer
|
Linear Technology
|
LT5527 |
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
|
Linear Technology
|
MAX17079GTLT MAX17079GTLTCAZ |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
MAXIM - Dallas Semiconductor
|
LTC5543 |
2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
|
Linear Technology
|
MGA-53589 MGA-53589-BLKG MGA-53589-TR1G |
50MHz to 3GHz High Linear Amplifier Lead-free Option Available
|
AVAGO TECHNOLOGIES LIMITED
|
S1P2655A03 S1P2655A05 S1P2655A01 S1P2655A02 S1P265 |
Linear integrated circuit. Input level TTL, CMOS 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR SOP-16 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR DIP-16 LT Series Water Resistant Linear Position Transducer, 76,2 mm [3.0 in] Electrical Travel, 1.0 % Linearity, Cable Termination, Item Number F58000203 Level Meter Linear integrated circuit. Input level DTL, TTL, PMOS, CMOS
|
ITT, Corp. TE Connectivity, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IP3053CX15 |
Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
|
NXP Semiconductors
|
BS107 Q67000-S078 |
From old datasheet system SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) 130 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
PHK24NQ04LT |
TrenchMOS logic level FET 21200 mA, 40 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012 From old datasheet system TrenchMOS (tm) logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SK0123 2SK123 2SK01232SK123 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Mini3-G1 From old datasheet system Small-signal device - Small-signal FETs - Junction FETs
|
panasonic
|