PART |
Description |
Maker |
K9K2G08U0M-FIB0 K9K2G08U0M-VCB0 K9K2G08U0M-VIB0 K9 |
256M x 8 Bit / 128M x 16 Bit NAND Flash Memory 256M × 8 128M的16位NAND闪存
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
K9K4G08U1M |
256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
|
SAMSUNG
|
K9K2G0816QU0M |
256M x 8 Bit / 128M x 16 Bit NAND Flash Memory Data Sheet
|
Samsung Electronic
|
MC-4R256FKE6D-840 |
Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
|
Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
UPD23C128000BLGY-XXX-MJH UPD23C128000BLGX-XXX UPD2 |
128M-bit (16M-wordx8-bit/8M-wordx16-bit) Mask ROM
|
NEC
|
K9K1G16U0A |
128M x 8 Bit / 64M x 16 Bit NAND Flash Memory 128M的8 64米16位NAND闪存
|
Samsung Semiconductor Co., Ltd.
|
HM5225165BTT-75 HM5225405BTT-75 HM5225805BTT-75 HM |
256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword ??16-bit ??4-bank/8-Mword ??8-bit ??4-bank /16-Mword ??4-bit ??4-bank PC/133, PC/100 SDRAM 256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank /16-Mword 4-bit 4-bank PC/133, PC/100 SDRAM 16M X 16 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank /16-Mword 4-bit 4-bank PC/133, PC/100 SDRAM 256M LVTTL接口SDRAM33 MHz/100 MHz4 Mword16位4-bank/8-Mword位4银行/ 16 Mword4位4银行PC/133,电 100内存 256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank /16-Mword 4-bit 4-bank PC/133, PC/100 SDRAM 256M LVTTL接口SDRAM33 MHz/100 MHz Mword6位-bank/8-Mword位银行/ 16 Mword位银行PC/133,电 100内存 256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank /16-Mword 4-bit 4-bank PC/133, PC/100 SDRAM 32M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank /16-Mword 4-bit 4-bank PC/133, PC/100 SDRAM 256M LVTTL接口SDRAM33 MHz/100 MHz Mword16位-bank/8-Mword位银行/ 16 Mword位银行PC/133,电 100内存 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Ultra-High-Precision SOT23 Series Voltage Reference POT 5K OHM 9MM HORZ NO BUSHING Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:18-30 Circular Connector; No. of Contacts:11; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-11 256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank /16-Mword 4-bit 4-bank PC/133/ PC/100 SDRAM POT 20K OHM 9MM HORZ NO BUSHING 256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword × 16-bit × 4-bank/8-Mword × 8-bit × 4-bank /16-Mword × 4-bit × 4-bank PC/133, PC/100 SDRAM
|
Elpida Memory, Inc. http://
|
K5P2880YCM |
Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
UPD23C128040BL UPD23C128040BLGX UPD23C128040BLGX-X |
128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
|
NEC
|
MB81EDS256445 |
MEMORY Consumer FCRAM CMOS 256M Bit (4 bank x 1M word x 64 bit) Consumer Applications Specific Memory for SiP
|
Fujitsu Component Limited.
|
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|