PART |
Description |
Maker |
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
ADG706BRU ADG707 ADG707BRU ADG706 |
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers 的CMOS.5ohm低电压,8-/16-Channel多路复用 CMOS/ 2.5ohm Low-Voltage/ 8-/16-Channel Multiplexers ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
|
Analog Devices, Inc. AD[Analog Devices]
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
ADG701BRM ADG701BRT ADG702 ADG702BRM ADG702BRT ADG |
CMOS Low Voltage 2ohm SPST Switches Low Voltage SPST Switches(低压2Ω单刀单掷开 4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC CMOS Low Voltage 2 ohms SPST Switch CMOS Low Voltage 2ohm SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG742 ADG742BKS ADG741BKS ADG741 ADG741BKS-REEL A |
CMOS Low Voltage SPST (NC) Switch in SC-70 Package CMOS Low Voltage SPST (NO) Switch in SC-70 Package From old datasheet system CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
|
AD[Analog Devices]
|
CAT1027ZD4I-30 CAT1027ZI-42-GT3 CAT1027ZI-30T2 |
Dual Voltage Supervisory CI<sup>2</sup>Cuit with I<sup>2</sup>C Serial 2K CMOS EEPROM, Auxiliary Voltage Monitor, Watchdog Monitors WDI Pin, TDFN Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 双电压监控电路,带有I2C串行K位CMOS EEPROM
|
Unisonic Technologies Co., Ltd. ON Semiconductor NXP Semiconductors N.V.
|
X221 X251 X252 X222 X242 X253-883B X211 X211-883B |
X200 Series CMOS ; Output Voltage Max:280Vrms; Load Current Max:6A; Switching:Zero Cross RoHS Compliant: Yes Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Random; Leaded Process Compatible:Yes RoHS Compliant: Yes Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low X200 SERIES (CMOS) STANDARD SPECFITIONS X200系列(CMOS)技术标准SPECFITIONS
|
List of Unclassifed Man... List of Unclassifed Manufacturers N.A. ETC[ETC] Electronic Theatre Controls, Inc. Xsis Electronics
|
TC426IJA TC426COA TC428IJA TC427EOA TC428 TC427EPA |
The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage ... The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage level swing. The CMOS output is within 25mV of ground or positive supply. The low impedance, high-curre (TC426 - TC428) 1.5A Dual High-Speed Power MOSFET Drivers
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
CAT1027 CAT1026 |
Dual Voltage Supervisory Circuit with I2C Serial 2K CMOS EEPROM, Auxiliary Voltage Monitor, Watchdog Monitors WDI Pin Dual Voltage Supervisory Circuit with I2C Serial 2K CMOS EEPROM, Reset Active High & Low, Auxiliary Voltage Monitor
|
Catalyst Semiconductor
|
SMCJ6.0 SMCG5.0CA SMCJ7.0 SMCJ12CA SMCJ5.0CA SMCG5 |
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor From old datasheet system CMOS Quad Clocked 'D' Latch 16-SOIC -55 to 125 CMOS Quad Exclusive-OR Gate 14-SO -55 to 125 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 420V; Case Size: 30x45 mm; Packaging: Bulk CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-PDIP -55 to 125 SURFACE MOUNT 1500 Watt Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE http://
|
ADM660ARU-REEL7 ANALOGDEVICESINC-ADM660ARU-REEL7 A |
CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|