PART |
Description |
Maker |
HT82M23A |
3/5-Key USBPS/2 Optical Mouse Controller
|
Holtek Semiconductor
|
Z8602 |
KEYBOARD CONTROLLER (KBC? NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC⑩) NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC) NMOS Z8 8-BIT MCU CAP 0.033UF 100V 10% X7R AXIAL TR-14
|
ZILOG[Zilog, Inc.] Zilog.
|
0878322423 87832-2423 |
2.00mm (.079 24 Circuits, 0.76μm (30μ Windows and Center Polarization Slot, PCB Locator, Tube 2.00mm (.079 24 Circuits, 0.76渭m (30渭 Windows and Center Polarization Slot, PCB Locator, Tube 2.00mm (.079 24 Circuits, 0.76楼矛m (30楼矛 Windows and Center Polarization Slot, PCB Locator, Tube
|
Molex Electronics Ltd.
|
UR5HCFJL UR5HCFJL-FB UR5HCFJL-FN UR5HCFJL-P |
Zero-Power Keyboard Encoder for Portable Systems Zero-PowerTM Keyboard Encoder for Portable Systems
|
SEMTECH[Semtech Corporation]
|
S1Q S1ZZ |
1 Amp Silicon Rectifier 1200 to 2000 Volts 1 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AA
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
MX86250 |
THE ADVANCED 64-BIT WINDOWS-95 AND DIRECTDRAW ACCELERATOR
|
ETC
|
MX86250 |
THE ADVANCED 64-BIT WINDOWS-95 AND DIRECTDRAW ACCELERATOR
|
Macronix International List of Unclassifed Manufacturers
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
PCM-7221-0K0CE1E |
OS-ready XScale? PXA270 Windows? CE 5.0 Evaluation Kit
|
Advantech Co., Ltd.
|
SBTC-2-20_20L SBTC-2-20 SBTC-2-20L SBTC-2-2020L |
Power Splitter/Combiners 2 Way-050з 200 to 2000 MHz 200 MHz - 2000 MHz RF/MICROWAVE COMBINER, 2.2 dB INSERTION LOSS Power Splitter/Combiners 2 Way-0° 50 200 to 2000 MHz Power Splitter/Combiners 2 Way-0∑ 50з 200 to 2000 MHz Power Splitter/Combiners 2 Way-0 50 200 to 2000 MHz
|
MINI[Mini-Circuits]
|
BCM2040 |
Single-Chip Bluetooth® for Mouse and Keyboard SINGLE-CHIP BLUETOOTH MOUSE AND KEYBOARD
|
Broadcom Corporation.
|
UR5HC703-600-FG UR5HC703-600-FQ |
USAR SerialCoderTM Low-Power Keyboard Encoder interfaces RS-232 城市搜救SerialCoderTM低功耗键盘编码器接口的RS - 232 USAR SerialCoder Low-Power Keyboard Encoder interfaces RS-232
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|