PART |
Description |
Maker |
W24011AI-15 W24011AI-20 W24011AJ-12 W24011AJ-20 W2 |
x8 SRAM x8SRAM
|
|
HY6264 HY6264-10 HY6264-12 HY6264-15 HY6264-70 HY6 |
8KX8-Bit CMOS SRAM x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDSO28 x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDIP28 x8 SRAM 8K X 8 STANDARD SRAM, 85 ns, PDSO28
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
AS5C4009LLDG-100/XT AS5C4009LLDG-100/IT AS5C4009LL |
512K*8 SRAM ultra Low power SRAM AVAILABLE AS MILITARY SPECIFICATION x8 SRAM x8的SRAM
|
Austin Semiconductor, Inc
|
AS7C25512FT32_36A AS7C25512FT32A-10TQC AS7C25512FT |
2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 36 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 47Vz 5.5mA-Izt 0.05 5uA-Ir 35.8Vr DO41-GLASS 5K/REEL Sync SRAM - 2.5V 2.5V 512K x 32/36 flowthrough burst synchronous SRAM
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor ...
|
AS7C251MNTD18A AS7C251MNTD18A-166TQIN AS7C251MNTD1 |
2.5V 1M x 18 Pipelined SRAM with NTD 1M X 18 ZBT SRAM, 3.8 ns, PQFP100 Current Mode PWMs; Package: DIP; NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT71P72804 IDT71P72604 IDT71P72604S167BQ IDT71P72 |
1.8V 1M x 18 QDR II PipeLined SRAM 1.8V 512K x 36 QDR II PipeLined SRAM Storage, Cases Tools, Applicator RoHS Compliant: NA Nickel Cadmium Battery Pack; Voltage Rating:12V RoHS Compliant: NA SIGN, FIRE EXTINGUISHER, 100X200MM; RoHS Compliant: NA 18Mb Pipelined QDRII SRAM Burst of 2 35.7流水线推QDRII SRAM的爆 18Mb Pipelined QDRII SRAM Burst of 2 2M X 9 QDR SRAM, 0.5 ns, PBGA165 18Mb Pipelined QDRII SRAM Burst of 2 2M X 9 QDR SRAM, 0.45 ns, PBGA165
|
IDT http:// Integrated Device Technology, Inc.
|
HY62256A HY62256AJ HY62256AJ-I HY62256ALJ HY62256A |
32Kx8bit CMOS SRAM, standby current=25uA, 70ns 32Kx8bit CMOS SRAM, standby current=25uA, 55ns 32Kx8bit CMOS SRAM, standby current=25uA, 85ns 32Kx8bit CMOS SRAM, standby current=100uA, 70ns 32Kx8bit CMOS SRAM, standby current=100uA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 70ns 32Kx8bit CMOS SRAM, standby current=1mA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 55ns 32Kx8bit CMOS SRAM 32Kx8bit CMOS SRAM Circular Connector; No. of Contacts:22; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 32Kx8bit CMOS SRAM JT 22C 22#22D SKT RECP 32Kx8bit CMOS SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. ETC HYNIX[Hynix Semiconductor] http://
|
M48Z2M1Y10 M48Z2M1V-85PL1 M48Z2M1Y-85PL1 M48Z2M1Y- |
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER庐 SRAM 5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER? SRAM 2M X 8 NON-VOLATILE SRAM MODULE, 70 ns, PDIP36
|
STMicroelectronics
|