PART |
Description |
Maker |
PH3230S PH3230S115 |
N-channel Trenchmos (tm) logic level FET; Package: SOT669 (LFPAK); Container: Tape reel smd 107 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, MO-235AA N-channel TrenchMOS logic level FET N-channel TrenchMOS⑩ logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
PHU78NQ03LT PHP78NQ03LT |
N-channel TrenchMOS logic level FET N-channel TrenchMOSTM logic level FET 75 A, 25 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
FDD5810 FDD581007 FDD5810-F085 |
N-Channel Logic Level Trench MOSFET 60V, 36A, 27mOhm N-Channel Logic Level Trench㈢ MOSFET N-Channel Logic Level Trench? MOSFET
|
Fairchild Semiconductor
|
BUK9Y59-60E BUK9Y59-60E-15 |
N-channel 60 V, 59 mΩ logic level MOSFET in LFPAK56 N-channel TrenchMOS logic level FET
|
NXP Semiconductors
|
FDS6680A FDS6680ANF073 FDS6680ANL |
30V Single N-Channel, Logic Level, Power Trench MOSFET Single N-Channel, Logic Level, PowerTrench MOSFET 12500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
PHU108NQ03LT PHU108NQ03LT127 PHB108NQ03LT PHD108NQ |
N-channel TrenchMOS logic level FET 75 A, 25 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 PLASTIC, IPAK-3 N-channel TrenchMOS logic level FET
|
NXP Semiconductors N.V.
|
FQS4900 FQS4900TF |
Dual N & P-Channel/ Logic Level MOSFET Dual N & P-Channel, Logic Level MOSFET Dual N-Channel 60V & P-Channel 300V QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
PSMN9R0-25MLC PSMN9R0-25MLC-15 |
N-channel 25 V 8.65 mili ohm logic level MOSFET in LFPAK33 N-channel 25 V 8.65 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
|
NXP Semiconductors
|
NTP27N06L-D NTB27N06L NTP27N06L |
Power MOSFET 27Amps, 60 Volts,Logic Level N-Channel TO-220(27A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 27 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 27 Amps, 60 Volts, Logic Level N-Channel TO-220 and D2PAK
|
ITT, Corp. ON Semiconductor
|
HUFA76413DK8T HUFA76413D |
Discrete Commercial Dual N-Channel Logic Level UltraFET Power MOSFET, 60V, 5.1A, 0.049 Ohms @ VGS = 10V, SO-8 Package N-Channel Logic Level UltraFET Power MOSFET 60V, 4.8A, 56mз
|
FAIRCHILD[Fairchild Semiconductor]
|
|