PART |
Description |
Maker |
EL2232J EL2232J_883B EL2232L_883B EL2232 EL2232C E |
Fast Setting Dual Current Mode Feedback Amplifier 60 MHz Fast Settling Dual Current Mode Feedback Amplifier Current-FeedbackOperationalAmplifier
|
ELANTEC[Elantec Semiconductor]
|
CLC203AI |
Fast Setting High Current Wideband Op Amps
|
Comlinear Corporation
|
CHL8326 CHL8326-00CRT CHL8326-00CRTY CHL8328-XXCRT |
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller Overclocking & Gaming Mode with Vmax setting
|
International Rectifier
|
ADATE304 ADATE304BBCZ |
200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
|
Analog Devices
|
ADATE302-02 |
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs,and Per Pin PMU
|
Analog Devices
|
MAX739 MAX739CPD MAX739CWE MAX739EPD MAX739EWE MAX |
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 185 kHz SWITCHING FREQ-MAX, PDSO16 -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, UUC13 Synchronous 4-Bit Up/Down Counters (Dual Clock With Clear) 16-CDIP -55 to 125 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PDIP14 V - 12V的,- 15V的,和可调反相电流模式PWM稳压 -5V /-12V /-15V / and Adjustable Inverting Current-Mode PWM Regulators -5V-12V-15V and Adjustable Inverting Current-Mode PWM Regulators -12V, Inverting, PWM, Current-Mode DC-DC Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADATE318 |
600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip Calibration Engine
|
Analog Devices
|
FST71100SM FST7135SM FST7160SM FST7180SM FST7120SM |
70A, 20V ultra fast recovery rectifier 70 Amp Rectifier 20 to 100 Volts Schottky Barrier MOSFET; Transistor Polarity:N Channel; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes MOSFET, DUAL NN SO-8MOSFET, DUAL NN SO-8; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:7.5A; Current, Idm pulse:30A; Power, Pd:1.1W; Resistance, Rds on:0.022R; SMD:1;
|
MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
IP3842 IP2842 IP3843 IP2843 IP1843 IP1842 IP2842D- |
Current-Mode SMPS Controller CURRENT MODE REGULATING PULSE WIDTH MODULATORS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
BL-BJ33V4V-1 |
Dual N-Channel & Dual P-Channel Matched MOSFET Pair, Enhancement Mode, 14L CDIP LED AlGaInP/GaAs Super Orange Low current requirement.
|
Bright LED Electronics Corp.
|
MAX5038 MAX5041EAI |
Dual-Phase / Parallelable / Average Current-Mode Controllers
|
Maxim
|
MAX5041EAI MAX5038 MAX5038EAI12 MAX5038EAI15 MAX50 |
Dual-Phase, Parallelable, Average Current-Mode Controllers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|