PART |
Description |
Maker |
SRI2K SRI2K-SBN18/1GE |
2048-bit ISO14443-B contactless memory with 2 binary counters and anti-collision 13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
|
ST Microelectronics STMicroelectronics
|
SRI51211 SRI512 SRI512-SBN18/1GE |
512-bit ISO14443-B contactless memory with 2 binary counters, 5 OTP blocks and anti-collision 13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
|
ST Microelectronics STMicroelectronics
|
SRT512-W4_1G2 SRT512-W4_XXX SRT512-SBN18_1G2 SRT51 |
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
|
STMicroelectronics
|
SRIX4K11 |
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
|
STMicroelectronics
|
CRX14-MQ/1GE |
LOW COST 13.56MHZ / I²C SHORT RANGE CONTACTLESS COUPLER CHIP WITH ANTI-COLLISION, CRC MANAGEMENT AND ANTI-CLONE FUNCTION
|
ST Microelectronics
|
C4123 C5334 C4124 C4133 C4323 C4134 C4324 C3323 C1 |
MEMS digital output motion sensor ultra low-power high performance 3-axes "nano" accelerometer 18-STAGE STATIC SHIFT REGISTER MEMS digital output motion sensor ultra low-power high performance 3-axes nano accelerometer MEMS inertial sensor 3-axis ultracompact linear accelerometer MEMS inertial sensor: 3-axis - ± 2g/± 6g digital output low voltage linear accelerometer LOW DROP POWER SCHOTTKY RECTIFIER 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions 13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions Turbo 2 ultrafast high voltage rectifier 5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM Dual decade counter 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM Analog multiplexer/demultiplexer with address latch : single 8 channel 5.0V or 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER Quad bilateral switch 5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER® SRAM Dual J-K flip flop with preset and clear 4-bit magnitude comparator 2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant MEMS inertial sensor: 3-axis - /-2g/6g ultracompact linear accelerometer 光电 432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory 光电
|
NXP Semiconductors N.V. STMicroelectronics N.V.
|
B78408A1631A003 |
RF transformers 10 dB directional couple
|
EPCOS
|
NZ2016SA |
For OA, AV, and short-range wireless
|
NXP Semiconductors
|
B41541 B39202B4154U510 |
Short range devices
|
EPCOS
|
NX2016SA |
For OA / AV/ Short-range Wireless
|
NIHON DEMPA KOGYO
|
B39311B3784Z810 |
SAW RF filter Short range devices
|
EPCOS
|
B3725 B39871B3725U410 |
SAW RF filter Short range devices
|
EPCOS
|