PART |
Description |
Maker |
BYV143 BYV143F-45 BYV143F BYV143F-35 BYV143F-40 |
Rectifier diodes schottky barrier 20 A, 40 V, SILICON, RECTIFIER DIODE IC LOGIC 1G125 SINGLE FET BUS SWITCH WITH LEVEL SHIFTING -40 85C SC-70-5 3000/REEL
|
NXP Semiconductors N.V. Seme LAB PHILIPS[Philips Semiconductors]
|
MBR0530T1 MBR0530T3 MBR0530LT1 ON0406 06F9814 MBR0 |
From old datasheet system SURFACE MOUNT SCHOTTKY POWER RECTIFIER MOSFET N-CH 500V 5A D2-PAK (MBR0530T1 / MBR0530T3) SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS DIODE SCHOTTKY 0.5A
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc.
|
MGFK36V4045 |
RECTIFIER SCHOTTKY SINGLE 2A 100V 50A-Ifsm 0.79Vf 0.5A-IR SMB 3K/REEL 14.0-14.5GHz BAND 4W INTERNALLY MATCHED GaAs FET 14.0-14.5 GHz BAND 4W INTERNALLY MATCHED GaAs FET
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
1N6842 |
60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER 10 A, 60 V, SILICON, RECTIFIER DIODE Schottky Rectifier
|
Microsemi, Corp. Microsemi Corporation
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
C101024060 C101220600 C101024006 C111120600 C10112 |
100 V power Schottky rectifier LOW DROP POWER SCHOTTKY RECTIFIER Turbo 2 ultrafast - high voltage rectifier
|
Sumida, Corp. Electronic Theatre Controls, Inc. BI Technologies, Corp. HIROSE ELECTRIC Co., Ltd.
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
CP108 |
From old datasheet system Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
|
CENTRAL[Central Semiconductor Corp]
|
1N5403K 1N5408K 1N5400K 1N5401K 1N5402K 1N5404K 1N |
20-Bit FET Bus Switch with -2 V Undershoot Protection 48-SSOP -40 to 85 3 A, 800 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TVSOP -40 to 85 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TSSOP -40 to 85 3 A, 500 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TVSOP -40 to 85 3 A, 300 V, SILICON, RECTIFIER DIODE, DO-204AC 20-Bit FET Bus Switch with -2 V Undershoot Protection 48-TSSOP -40 to 85 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-204AC Standard silicon rectifier diodes
|
SEMIKRON[Semikron International]
|
SMBSR106 SMB5817 SMB5819 SMB5818 SMBSR108 |
(SMBSR105 - SMBSR1010) 1A Schottky Rectifier (SMB5817 - SMB5819) 1A Schottky Rectifier
|
Microsemi
|
U1GWJ2C49 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|