PART |
Description |
Maker |
AD73322 |
Dual Voiceband Codec
|
Analog Devices
|
W6810 |
SINGLE-CHANNEL VOICEBAND CODEC
|
Winbond Electronics Corp
|
W6810 W6810IE W6810IR W6810IS W6810IW |
5V Single-channel Voiceband CODEC From old datasheet system
|
Winbond Electronics
|
AT45CS1282 |
128 Megabit Code Shadow Flash 128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
|
ATMEL[ATMEL Corporation]
|
2-1437603-0 |
CODE SWITCH DUAL PUSHBUTTON DPS-8 SERIES
|
Tyco Electronics
|
HCS500-ISM HCS500 40153B HCS500-SM HCS500-IP HCS50 |
From old datasheet system Code Hopping Decoder KEELOQ CODE HOPPING ENCODER
|
MICROCHIP[Microchip Technology]
|
T-31103 T-843 |
Modem Coupling & Voiceband Transformers
|
Rhombus Industries Inc.
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|