PART |
Description |
Maker |
ST7263BK2B1 ST72F63BK4M1 ST72P63BK4M1 ST72F63BK1B1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C 低速USB 8位微控制器闪 ROM家庭,高12字节RAM位ADC,水分散粒剂,定时器,SCI LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMicroelectronics N.V. 意法半导
|
STR755FR0 STR755FR1 STR755FR2 STR752FR0 STR752FR1 |
ARM7TDMI-S⑩ 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
ST62T30BM6_TR ST62T30BM6 ST62P30BM6 ST62P30BM3 ST6 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI, UART AND 28 PINS
|
STMicroelectronics
|
STR750FV0 STR750FV0T6 STR750FV1 STR750FV1T6 STR750 |
ARM7TDMI-S垄芒 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
ST72F63BD6U1 ST72F63BE1M1 ST72F63BE2M1 ST72F63BE4M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
STMicroelectronics
|
ST62P32BQ6 ST62P32BQ3 ST62P32BQ1 ST62P32BB6 ST62P3 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, ADC, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI, UART & 52, 42 PINS
|
STMicroelectronics
|
ST62T28CM6 ST6228CM1 ST6228CM6 ST6228CM3 ST6228CB6 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTR A/D CONVERTER, 8-BIT AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 28 PINS
|
ST Microelectronics
|
ST7263BK1B1XXX ST7263BK1M1XXX ST7263BK2B1XXX ST726 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C
|
STMicroelectronics
|
STR750FV0H6 STR750FV1H6 |
ARM7TDMI-S?32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
MC14536 MC14536B MC14536BCP MC14536BDW MC14536BDWR |
Programmable Timer Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP DIVIDE BY N COUNTER, PDIP16
|
ONSEMI[ON Semiconductor]
|
|