PART |
Description |
Maker |
UM82450 UM82450L |
Asynchronous Communication Element(ACE)
|
UMC[UMC Corporation]
|
UM82C451 |
PARALLEL/ASYNCHRONOUS COMMUNICATION ELEMENT
|
UMC Corporation
|
110MT160K 110MT160KB 110MT160MT 90MT80KB 110MT100K |
3 PHASE, 110 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 800V 3 Phase Bridge in a INT-A-Pak package THREE PHASE BRIDGE CAP 3300PF 100V 100V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 三相桥式 3 PHASE, 90 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
IRF[International Rectifier] International Rectifier, Corp.
|
CY7C0240411 CY7C025-55JXC CY7C025-55JXI CY7C025 CY |
4K x 18 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K的18双PortStatic RAM的扫描电镜,廉政,忙(带扫描电镜,廉政,忙输入端的的4K的18双端口静态RAM)的 8K x 18 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 18 双端口静RAM) 4K x 16 Dual-Port Static RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 8K x 16 Dual-PortStatic RAM with Sem, Int, Busy(带Sem, Int, Busy输入端的K x 16 双端口静RAM) 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
|
Cypress Semiconductor Corp.
|
54MT80KB 54MT100KB 54MT120KB 54MT140KB 54MT160KB 1 |
THREE PHASE AC SWITCH 800V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package
|
IRF[International Rectifier]
|
M54HC423 M54HC423A M54HC423AB1R M54HC423AC1R M54HC |
12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-TSSOP -40 to 85 双RETRIGGERABLE单稳态触发器 DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
GA250TD120U |
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package HALF-BRIDGE IGBT INT-A-PAK Ultra-FastTM Speed IGBT HALF-BRIDGE IGBT DOUBLE INT-A-PAK
|
IRF[International Rectifier]
|
XPC850ZT50B XPC850ZT66B XPC850ZT80B XPC850SRZT50B |
50MHz; V(ddh): -0.3 to 4V; communication controller 66MHz; V(ddh): -0.3 to 4V; communication controller 80MHz; V(ddh): -0.3 to 4V; communication controller 1 Chip Integrated Microprocessor
|
Motorola Freescale (Motorola)
|
RPM870-H7 |
IrDA wireless communication transceiver IC (supports Ver. 1.2 Low Power) Photo Link Modules > IrDA infrared communication modules > IrDA infrared communication modules
|
http:// ROHM[Rohm]
|
GA400TD60U |
600V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package HALF-BRIDGE IGBT DUAL INT-A-PAK Ultra-FastTM Speed IGBT
|
IRF[International Rectifier]
|
GA300TD60U |
600V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package HALF-BRIDGE IGBT DUAL INT-A-PAK
|
IRF[International Rectifier]
|