PART |
Description |
Maker |
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
ZGP323HAS2004G ZGP323HAS2804G ZGP323HAP2032G ZGP32 |
IC Z8 GP MCU 4K OTP 20SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 4K OTP 28SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 32K OTP 20DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP20 IC Z8 GP MCU 32K OTP 20SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 32K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 4K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 4K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 4K OTP 40DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP40 IC Z8 GP MCU 8K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20
|
ZiLOG, Inc. ZILOG INC
|
HD63705V0 HD637A05V0 HD637B05V0 |
8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU) 8位CMOS单片机单元(MCU
|
Hitachi,Ltd. Hitachi Semiconductor
|
MC68HC805B6 |
8-Bit Microcontroller Units (MCU).(8位微控制 8位微控制器单元(MCU)。(8位微控制器)
|
Motorola Mobility Holdings, Inc.
|
ST7MDT2-EMU2B ST7MDT5-EMU2B ST7MDT6-EMU2B ST7MDT7- |
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 3991
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STM8S903K3T6C STM8S903F3 |
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I2C Mainstream Application specific line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
STMicroelectronics STMicroelectronics N.V.
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
SST89E564-25-C-NJ SST89E554-25-C-PI SST89E564-25-C |
FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQCC44
|
Silicon Storage Technology, Inc. Silicon Storage Technol...
|
|