PART |
Description |
Maker |
S5935 |
PCI 5V Bus Master/Target Device 32-bit
|
Applied Micro Circuits Corp.
|
QL5064 |
66 MHz/64-bit PCI Master/Target with Embedded
Programmable Logic and Dual Port SRAM
|
quicklogic
|
PCI9052 PCI9052RDK-LITE PCI9052G |
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
|
PLX Technology
|
PCI9052 |
32 Bit / 33 Mhz PCI Target I/O Accelerator / ISA Local Bus Designs
|
PLX Technology
|
OR3TP12 |
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
|
AGERE[Agere Systems]
|
QL5030-4TQ144C QL5030-4TQ144I |
33MHz/32-bit PCI target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
PCM-261L-B0A1E PCM-200-00A2E PCM-110-00A3E PCM-110 |
LVDS/TTL to DVI Module PCI-104 to PCI Bus Module 1-Slot PCI Riser Card for 5.25 Biscuit SBCs
|
Advantech Co., Ltd.
|
PI5C32161C PI5C32161CA |
16-Bit to 32-Bit, Demux PCI Hot-Plug Bus Switch with 2V Undershoot Protection
|
Pericom Technology
|
IOP480-AA60PI IOP480-AA66BI IOP480-AA60BI |
PCI BUS CONTROLLER, PQFP208 30.80 X 30.80 MM, PLASTIC, QFP-208 PCI BUS CONTROLLER, PBGA225 27 X 27 MM, 2.65 MM HEIGHT, PLASTIC, BGA-225
|
PLX Technology, Inc.
|
PEX8111-BB66FBC PEX8111-BB66BC PEX8111-BB66FBCF PE |
ExpressLanePCI Express to PCI Bridge PCI BUS CONTROLLER, PBGA161 ExpressLanePCI Express to PCI Bridge PCI BUS CONTROLLER, PBGA144
|
PLX Technology, Inc.
|