PART |
Description |
Maker |
EBOX565-500-FL-DC-6300U EBOX565-500-FL-DC-6100U |
Intel? Core?i5-6300U 2.4 GHz/i3-6100U 2.3 GHz/CeleronR 3955U 2.0 GHz (Skylake ULT SoC)
|
Axiomtek Co., Ltd.
|
PE82P2000 |
Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and SMA
|
Pasternack Enterprises,...
|
Q62702-G0041 BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
ADG936 ADG936-R |
Wideband 4 GHz 36 dB Isolation at 1 GHz CMOS 1.65V to 2.75V Dual SPDT
|
Analog Devices
|
PE-W22B002 |
WR-22 Instrumentation Grade Waveguide H-Bend with UG-383-U Flange Operating from 33 GHz to 50 GHz
|
Pasternack Enterprises,...
|
PE71S2015 |
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
|
Pasternack Enterprises,...
|
AGR21180EF |
180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
|
TriQuint Semiconductor
|
PE-W51TF005-36 |
WR-51 Flexible Waveguide Twist With a Square Cover Flange Operating From 15 GHz to 22 GHz
|
Pasternack Enterprises,...
|
PE-W90TF006-36 |
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
FMPA2151 |
2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
|
http:// FAIRCHILD[Fairchild Semiconductor]
|