PART |
Description |
Maker |
AL422 AL422B AL422V3 AL422V5 |
AL422 3M-Bits FIFO Field Memory AL422 3M-Bits FIFO Field Memory Single-Phase High Efficiency DC/DC Controller with On-Chip Gate Drivers for Intel Mobile CPUs
|
List of Unclassifed Manufacturers
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
UPD70F3040GM-UEU UPD70F3040YGM-UEU UPD70F3003AGCA- |
32-bit RISC single-chip microcontroller "V850/SV1" 32-bit single-chip microcomputer 32-bit RISC single-chip microcontroller "V850/SA1" 32-bit RISC single-chip microcontroller(V850/SB1) 32-bit RISC single-chip microcontroller(V850/SB2) 32-bit RISC single-chip microcontroller with CAN controller
|
NEC
|
ISD2532 ISD2564 ISD2540 ISD2548 |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 32 seconds)(单片的录录音重放一片信息存储持续时2秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 64 seconds)(单片的录录音重放一片信息存储持续时4秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 40 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 48 seconds)(单片的录录音重放一片信息存储持续时8秒))
|
Winbond Electronics Corp
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
ICL7129A ICL7129AC_D ICL7129ACJL ICL7129ACPL ICL71 |
"Low-Noise, 4 1/2 Digit, Single- Chip ADC with Multiplexed LCD Drivers" 4-1/2 Digit Single-Chip A/D Converter with LCD Driver 4-1/2位单芯片的A / D转换器与液晶显示驱动 4-1/2 Digit Single-Chip A/D Converter with LCD Driver 1-CH 4-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, UUC40
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LC66506 LC66506B LC66P516 LC66354B LC66356B LC6635 |
4-BIT, MROM, 4.3 MHz, MICROCONTROLLER, PDIP64 6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4/ 6/ and 8 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
GMS34140T GMS34004T GMS34112T GMS34112TK |
Program memory:1024 bytes, 300KHz-500KHz, 4-5 V, 4 BIT single chip microcomputer 4-BIT SINGLE CHIP MICROCOMPUTERS
|
HYNIX[Hynix Semiconductor]
|
BT1074BI |
Single chip 850-950 MHz RF transeiver SINGLE CHIP 850-950MHz RF TRANSCEIVER From old datasheet system
|
BTI BethelTronix Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
S3C9014 S3C9004S3P9004 S3P9014 |
8-Bit Single-Chip CMOS Microcontrollers Single-chip 8-bit Microcontroller Data Sheet
|
Samsung Electronic
|
TC9309F-011 TC9309F-01 E005503 |
Metal Dust Cap; For Use With:Amphenol PCD FW Field TV Jam Nut Receptacles; Body Plating:Olive Drab Cadmium; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No SINGLE CHIP DTS MICRO CONTROLLER (DTS-10) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|