PART |
Description |
Maker |
MC13192SARDUG |
Sensor Applications Reference Design (SARD)
|
Freescale (Motorola) FREESCALE[Freescale Semiconductor, Inc]
|
MAX6143BASA50-T |
High-Precision Voltage Reference with Temperature Sensor 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8
|
Maxim Integrated Products, Inc.
|
MAX1267 MAX1265BEEI MAX1265BCEI MAX1265AEEI MAX126 |
3V, 6-/2 channel, 12-bit ADC with 2.5V reference and parallel interface. For hand-held portable applications, medical instruments, battery-powered test equipment 265ksps. 3V. 6-/2-Channel. 12-Bit ADCs with 2.5V Reference and Parallel Interface 265ksps / 3V / 6-/2-Channel / 12-Bit ADCs with 2.5V Reference and Parallel Interface " 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface" 265ksps 3V 6-/2-Channel 12-Bit ADCs with 2.5V Reference and Parallel Interface From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ML8511-00FC |
REFERENCE BOARD Manual for UV Sensor (QFN)
|
List of Unclassifed Manufacturers
|
LT1019MH-10 LT1019MH-2.5 LT1019MH-4.5 LT1019MH-5 L |
Hex Inverters With Open-Collector Outputs 14-PDIP 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY8 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, MBCY8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, MBCY8 ER 6C 3#16 3#8 PIN RECP From old datasheet system Precision References
|
Linear Technology, Corp. 基准电压电流 Linear Technology Corporation LINER[Linear Technology] http://
|
MAX1027 MAX1027ACEE-T MAX1027AEEE-T MAX1027BCEE-T |
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
|
MAXIM[Maxim Integrated Products]
|
MAX1231 MAX1227BEEE MAX1229BEEP |
12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX1227-MAX1231 MAX1229AEEP-T MAX1229BCEP-T MAX122 |
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
MXB7846EEE MXB7846EUE |
2.375V to 5.25V / 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor 2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
ADNS-2030 HDNS-2200 HDNS-2100 ADNK-2030 |
Solid-State Optical Mouse Sensor Sample Kit ADNS-2030 · High-performance, Low Power Optical Mouse Sensor (Optimized for Cordless Mouse Applications)
|
http:// AD[Analog Devices] Agilent (Hewlett-Packard)
|
ADR5043AKSZ-REEL ADR5045ARTZ-REEL7 ADR5045AKSZ-REE |
Precision Micropower Shunt Mode Voltage Reference Applications (3.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 Precision Micropower Shunt Mode Voltage References Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial Precision Micropower Shunt Mode Voltage References
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX1449 |
1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction 16-SSOP/QSOP -40 to 125 10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference "10-Bit, 105Msps, Single 3.3V, Low- Power ADC with Internal Reference"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|