PART |
Description |
Maker |
2N5555 ON0063 |
CASE 29.04, STYLE 5 TO-92 (TO-226AA) CASE 29-4, STYLE 5TO-2 (TO-26AA) From old datasheet system JFET Switching
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N7000 |
CASE 29-04, STYLE 22 TO-92 (TO-226AA) 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 CASE 29-04/ STYLE 22 TO-92 (TO-226AA)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
BC308C BC307C BC307B BC307 ON0143 |
Amplifier Transistors(PNP Silicon) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 CASE 29-04, STYLE 17 TO-2 (TO-26AA) CASE 29-4, STYLE 17 TO-2 (TO-26AA) From old datasheet system
|
ONSEMI[ON Semiconductor]
|
SRU6025-100Y SRU6025-150Y SRU6025-151Y SRU6025-220 |
CHOKE, POWER, SHIELDED, 10UH; Inductor type:Shielded Power Choke; Inductance:10uH; Tolerance, inductance:30%; Resistance:57mR; Frequency, resonant:25MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:86mR; Frequency, resonant:22MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 150UH; Inductor type:Shielded Power Choke; Inductance:150uH; Tolerance, inductance:30%; Resistance:770mR; Frequency, resonant:5MHz; Case style:SMD Shielded; Q factor:30; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:130mR; Frequency, resonant:18MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 220UH; Inductor type:Shielded Power Choke; Inductance:220uH; Tolerance, inductance:30%; Resistance:1250mR; Frequency, resonant:4MHz; Case style:SMD Shielded; Q factor:20; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 33UH; Inductor type:Shielded Power Choke; Inductance:33uH; Tolerance, inductance:30%; Resistance:180mR; Frequency, resonant:12MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.7UH; Inductor type:Shielded Power Choke; Inductance:4.7uH; Tolerance, inductance: /-30%; Resistance:35mR; Frequency, resonant:42MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 68UH; Inductor type:Shielded Power Choke; Inductance:68uH; Tolerance, inductance: /-30%; Resistance:365mR; Frequency, resonant:8MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
2N5208 |
CASE 29-04STYLE 2 TO-92(TO-226AA) CASE 29-04,STYLE 2 TO-92(TO-226AA)
|
Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N5457 ON0060 |
CASE 29-4, STYLE TO-2 (TO-26AA) From old datasheet system
|
ON Semi
|
BC857BLT1 BC857ALT1 BC858BLT1 BC856BLT1 BC857CLT1 |
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
|
MOTOROLA[Motorola, Inc]
|
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
BC636 BC640 BC638 ON0157 |
CASE 29-4, STYLE 17 TO-2 (TO-26AA) High Current Transistors(PNP Silicon) From old datasheet system
|
ON Semiconductor
|
BF421 BF423 ON0208 |
High Voltage Transistors(PNP Silicon) From old datasheet system CASE 29-11, STYLE 14 TO-2 (TO-26AA)
|
ON Semiconductor
|
|