PART |
Description |
Maker |
BAL99LT1 ON0111 |
JT 22C 22#22D PIN WALL RECP SILICON, SIGNAL DIODE, TO-236AB CASE 318-08/ STYLE 18 SOT-23 (TO-236AB) CASE 318-08, STYLE 18 SOT-23 (TO-236AB) From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
DTC114YE DTC114YE_D ON0281 |
CASE 463-01/ STYLE 1 SOT-416/SC-90 CASE 463-01, STYLE 1 SOT-416/SC-90 CASE 463-1, STYLE 1 SOT-16/SC-0 From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola, Inc]
|
BC847ALT1 BC847BLT1 BC847CLT1 BC848BLT1 BC850CLT1 |
CASE 318-08 STYLE 6 SOT-23 (TO-236AB) CASE 318-08, STYLE 6 SOT-23 (TO-236AB) CASE 318-08/ STYLE 6 SOT-23 (TO-236AB) CIR 4C 4#0 FR PIN PLUG High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Silicon General Purpose Transistors NPN硅通用晶体 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
BC857BLT1 BC857ALT1 BC858BLT1 BC856BLT1 BC857CLT1 |
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
|
MOTOROLA[Motorola, Inc]
|
BAV70LT1 ON0132 |
CASE 318-08, STYLE 9 SOT-23 (TO-236AB) From old datasheet system Monolithic Dual Switching Diode Common Cathode
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
2N7000 |
CASE 29-04, STYLE 22 TO-92 (TO-226AA) 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 CASE 29-04/ STYLE 22 TO-92 (TO-226AA)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
ST95P08 ST95P08B1TR ST95P08B3TR ST95P08B6TR ST95P0 |
MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:3A; Resistance, Rds on:0.05R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:3.0A; Current, Idm pulse:12A; Marking, SMD:M5; Pins, No. RoHS Compliant: Yes 8 Kbit Serial SPI EEPROM with Positive Clock Strobe
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
ST26C32A ST26C32ABD ST26C32ABDR ST26C32ABN ST26C32 |
FPGA, FLEX 10KE, 30K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K30E; Voltage, supply:2.5V; Case style MOSFET, N, SO-8; Transistor type:MOSFET; Current, Id cont:3.2A; Resistance, Rds on:5R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
|
意法半导 STMicroelectronics
|
2N2894 |
CASE 22-03, STYLE 1 TO-18(TO-206AA)
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
BAV99LT1 ON0135 |
CASE 318?8, STYLE 11SOT-3 (TO?36AB) From old datasheet system
|
ON Semi
|
MPS4126_D ON2322 |
CASE 294, STYLE 1 TO2 (TO?26AA) From old datasheet system
|
ON Semi
|
|