PART |
Description |
Maker |
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
EMC1203-ACZL-TR |
Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp.
|
CY7C63000A-SC CY7C63100A-SC CY7C63000A-PC CY7C6310 |
SENSOR AMP 100PSI GAU .5-4.5 OUT SENSOR AMP 30PSI DIFF .5-4.5 OUT 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDIP20 Universal Serial Bus Microcontroller 通用串行总线控制 SENSOR BIDIR DIGITAL 3PSI 5 H2O
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
KM110BH KM110BH2430 KM110BH2470 |
30° and 70° angle sensor hybrids 30?and 70?angle sensor hybrids 30 and 70 angle sensor hybrids 30∑ and 70∑ angle sensor hybrids 30and 70angle sensor hybrids 30deg angle sensor hybrid.
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MAX1154BEUET MAX6662MSA-T MAX6662MSAT MAX6517UKP07 |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MPXV4006GC6T1 MPXV4006G6T1 MPXV4006GC7U |
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated(集成硅压力传感器,带片内信号调节、温度补偿和校准功能) INTEGRATED PRESSURE SENSOR GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.87Psi, 5%, 0.22-4.82V, SQUARE, THROUGH HOLE MOUNT
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
RTD P0805-43-100R-G P0805-43-100R-D P0805-43-100R- |
Platinum Temperature Sensor RTD TEMP SENSOR-PLATINUM, 100ohm, RECTANGULAR, SURFACE MOUNT Platinum Temperature Sensor 白金温度传感
|
TT Electronics / Welwyn Welwyn Components, Ltd.
|
E3SGS3B4 E3S-GS1E4 |
Slotted Edge Registration Sensor Grooved Head Sensor with Built-In DC Amplifiers
|
Omron Electronics LLC
|
CY30 |
Sensor interface for an inductive engine wheel speed single rotation sensor
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] BOSCH
|
ISL2901110 |
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
|
Intersil Corporation
|
MK03-1C90C-1000W09 |
MK Reed Sensor PROXIMITY SENSOR-PHOTOELECTRIC, CYLINDRICAL, PANEL MOUNT
|
MEDER ELECTRONIC AG
|
FZAM18P6460/S14 |
POSITION, LINEAR SENSOR-DIFFUSE, 60-430mm, 200mA, CYLINDRICAL, BOARD MOUNT THROUGH BEAM SENSOR
|
CTS, Corp.
|