PART |
Description |
Maker |
MAXIM MAX3656 |
155Mbps to 2.5Gbps Burst-Mode Laser Driver
|
MAXIM - Dallas Semiconductor
|
SY88216L10 |
3.3V, 2.5Gbps Burst Mode Laser Driver
|
Micrel Semiconductor
|
MAX24001 MAX24001TL |
2.5GBPS TX BURST-MODE LASER TRANSCEIVER
|
Maxim Integrated Products Maxim Integrated Produc...
|
PHY1078-01QT-BR |
125Mbps to 2.5Gbps FTTx Burst-Mode Laser Driver/Postamplifier
|
MAXIM - Dallas Semiconductor
|
5962-9231604MTA 5962-9231602MXA 5962-9231603MYA 59 |
622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for GPON OLT Applications 2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector 155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control x1的SRAM Precision, Quad, SPST Analog Switches x1的SRAM
|
Vicor, Corp.
|
CT2-NL2LATD33C1 CT2-NL2LFTD33C1 CT2-NL2LBTD31C1 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 155Mbps(Tx), 155Mbps(Rx), PANEL MOUNT, LC CONNECTOR
|
JDS UNIPHASE CORP
|
B-13-155-T-SST3G5 B-13-155-T3-SST3G5 B-13-155C-T-S |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver
|
Source Photonics, Inc.
|
SP-03-LR1-CNA SP-03-LR1-CDA SP-03-LR1-TDA SP-03-LR |
155 Mbps SFP Transceiver (LR1) FIBER OPTIC TRANSCEIVER, 1263-1360nm, 155Mbps(Tx), 155Mbps(Rx), PANEL MOUNT
|
Source Photonics, Inc.
|
B-15-13-155S-TPM3-SSC4-54 B-15/13-155S-TPM3-SSC4-5 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1500-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
SPS-9340B-CXX0G |
3.3V / CWDM / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER 3.3 /波分复用/立法会的2.5Gbps SFP单模收发
|
Optoway Technology, Inc.
|
LT-74H73H-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
|
Optoway Technology Inc.
|
NU-33B54B-P-A NU-33B54B-R-A |
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
|
Optoway Technology Inc.
|
|