PART |
Description |
Maker |
LB135DS01 |
135.42MHz Low-Loss SAWF 8MHz Bandwidth 135.42MHz低损耗声表面波滤波器带宽MHz
|
SIPAT Co., Ltd. SIPAT Co,Ltd
|
RA08N1317M10 RA08N1317M-101 |
135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO 135 MHz - 175 MHz RF/MICROWAVE NARROW BAND HIGH POWER AMPLIFIER
|
Mitsubishi Electric Semiconductor
|
LT1221 LT1221C LT1221CN8 LT1221CS8 LT1221M LT1221M |
From old datasheet system 150MHz, 250V/ms, A 4 Operational Amplifier 150MHz Operational Amplifier
|
LINER[Linear Technology]
|
M67781L 67781L M67781 |
135-160MHz, 12.5V, 40W, FM MOBILE RADIO From old datasheet system 135-160MHz / 12.5V / 40W / FM MOBILE RADIO
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
LT1205-15 |
150MHz Video Multiplexers
|
Linear Technology
|
NE568A NE568AD NE568AN SA568AD SA568AN SA568A |
150MHz phase-locked loop
|
Philipss PHILIPS[Philips Semiconductors]
|
LT1221_01 LT1221 LT1221CN8 LT1221CS8 LT1221MJ8 LT1 |
150MHz, 250V/ms, A 4 Operational Amplifier 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1500 uV OFFSET-MAX, 150 MHz BAND WIDTH, PDIP8 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1500 uV OFFSET-MAX, 150 MHz BAND WIDTH, PDSO8
|
LINER[Linear Technology] Linear Technology, Corp.
|
EL2142 |
150MHz, Differential Twisted-Pair Amplifier
|
Intersil
|
RFPA3800 RFPA3800PCK-410 RFPA3800TR13 RFPA3800SQ R |
GaAs HBT 150MHz TO 960MHz POWER AMPLIFIER
|
RF Micro Devices
|
ICS9248-153 |
K7; 750/760; System Clock Chip; 90 - 150MHz CPU
|
ICS
|
XSA5223CU |
Wide dynamic range AGC transimpedance amplifier (150MHz)
|
Philips
|