PART |
Description |
Maker |
SP809EK-2-9_TR SP809EK-4-6_TR SP809-23 SP809-26 SP |
3 Pin Microprocessor Supervisor Circuit
|
SIPEX[Sipex Corporation]
|
APX811-26UG-7 APX812-26UG-7 APX811-31UG-7 APX812-3 |
4-Pin Microprocessor Supervisor With Manual Reset
|
Diodes Incorporated
|
MAX708T |
3 V microprocessor supervisor circuit with power fail comparator and manual reset
|
Philips
|
MAX6916EO50 MAX6916EO33 |
SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
|
MAXIM - Dallas Semiconductor
|
MAX697 MAX697CPE MAX697CWE MAX697EJE MAX697EPE MAX |
µP Supervisor with Battery Switchover and Programmable Reset Microprocessor Supervisory Circuits 4-Wide AND-OR-invert Gates 14-CDIP -55 to 125 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, CDIP16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
M48T201Y09 M48T201V M48T201V-70MH1 M48T201V-70MH1E |
5.0 or 3.3 V TIMEKEEPER庐 supervisor 5.0 or 3.3 V TIMEKEEPER? supervisor
|
STMicroelectronics
|
PCS809NMIURF PCS809 PCS809JIURF PCS809LIURF PCS809 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 ROHS COMPLIANT, SOT-23, 3 PIN 3-Pin μP Voltage Supervisor 3-Pin 楼矛P Voltage Supervisor
|
Vicor, Corp. PulseCore Semiconductor
|
FM1233ADS3X FM1233ACS3X FM1233ABAS3X FM1233A FMFFM |
2.72V, Active Low Bi-Directional Precision Reset Generator Circuit 3.08V, Active Low Bi-Directional Precision Reset Generator Circuit 2.88V, Active Low Bi-Directional Precision Reset Generator Circuit 3-Pin C Supervisor Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 3-Pin レC Supervisor Circuit 3-Pin uC Supervisor Circuit 3-Pin μC Supervisor Circuit
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC1458 MC1458CP1 MC1458P1 MC1458_D ON0945 MC1458D |
3 Ch Supervisor with Over Current Detect for Switchmode Power Supplies 14-SOIC -40 to 85 DUAL OP-AMP, 12000 uV OFFSET-MAX, 1.1 MHz BAND WIDTH, PDSO8 Battery-Backup Supervisor for Low Power Processors 14-TSSOP -40 to 85 DUAL OPERATIONAL AMPLIFIERS From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
X5163V14Z-2.7 X5163S8Z-4.5A X5165V14Z-4.5A X5165S8 |
CPU Supervisor with 16Kbit SPI EEPROM RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO14
|
http:// Intersil, Corp.
|
SG6510D1 SG6510X1 |
PC power supply supervisor to provide the voltage supervisor function, remote on/off PSON function, power good (PGO) indicator and fault protection (FPO) for switching poer systems. PC Power Supply Supervisors
|
System General (SG) ETC[ETC] List of Unclassifed Manufacturers
|