PART |
Description |
Maker |
LT5522 |
600MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology
|
LT5522EUF LT5522EUFTR |
600MHz to 2.7GHz High Signal Level Downconverting Mixer; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PQCC16 400MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology, Corp.
|
TIM1011-15L |
P1dB=42.0dBm at 10.7GHz to 11.7GHz
|
Toshiba Corporation
|
ALV0021O ALV3535Y ALV3535R ALV3535RC ALV0021OC ALV |
Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Optoelectronic 光电
|
Electronic Theatre Controls, Inc.
|
HA3-2840-5 HA3-2840-9 HA3B2840-5 HA7-2840-9 HA9P28 |
600MHz Very High Slew Rate Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier 频率600MHz,压摆率甚高运算放大
|
Harris Semiconductor HARRIS[Harris Corporation] Harris, Corp.
|
EL5257IY-T7 EL5156_06 EL5156IS EL5156IS-T13 EL5156 |
<1mV Voltage Offset, 600MHz Amplifiers <1mV Voltage Offset, 600MHz Amplifiers
|
INTERSIL[Intersil Corporation] http://
|
SP8630AC |
600MHz/10 Fixed Modulus Divider
|
Plessey Semiconductors
|
EL5364IUZA-T7 EL5164 EL5164_05 EL5164IS EL5164IS-T |
600MHz Current Feedback Amplifiers with Enable
|
INTERSIL[Intersil Corporation]
|
EL519207 EL5192CW-T7 EL5192CW-T7A EL5192ACW-T7 EL5 |
600MHz Current Feedback Amplifier with Enable
|
Intersil Corporation
|
HYB18T256324F-22 HYB18T256324F-16 HYB18T256324F-20 |
256-Mbit GDDR3 DRAM [600MHz]
|
INFINEON[Infineon Technologies AG]
|