PART |
Description |
Maker |
LTC5532 |
300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
|
Linear
|
MICRF501 MICRF501BLQ |
512 MACROCELL 3.3 VOLT ZERO POWER ISP CP - NOT RECOMMENDED for NEW DESIGN 300MHz to 600MHz RadioWireRF Transceiver 300MHz to 600MHz RadioWire RF Transceiver 300MHz to 600MHz RadioWire⑩ RF Transceiver
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LTC5530 LTC5530ES6 LTC5530ES6TRM LINEARTECHNOLOGYC |
Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
R3005250L |
Si Reverse, low current, 5 - 300MHz, 25.0dB typ. Gain @ 300MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
TIM1011-15L |
P1dB=42.0dBm at 10.7GHz to 11.7GHz
|
Toshiba Corporation
|
TGA2583-SM TGA2583-SM-15 |
2.7 to 3.7GHz, 10W GaN Power Amplifier
|
TriQuint Semiconductor
|
EIB1718-1P |
17.7-18.7GHz, 1W Internally Matched Power FET
|
Excelics Semiconductor, Inc.
|
RF5652PCK-411 |
5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
|
RF Micro Devices
|
EIB1718-2P |
17.7-18.7GHz, Internally Matched Power FET
|
Excelics Semiconductor, Inc.
|
EIA1718-2P |
17.7-18.7GHz, Internally Matched Power FET
|
Excelics Semiconductor, Inc.
|
MAX3762EEP_ MAX3761 MAX3761C_D MAX3761EEP MAX3762C |
Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX2721 MAX2720 MAX2720-MAX2721 MAX2720EUP MAX2721 |
1.7GHz to 2.5GHz, Direct I/Q Modulator with VGA and PA Driver Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications 1700 MHz - 2100 MHz RF/MICROWAVE UP CONVERTER, -6 dBm OUTPUT POWER-MAX Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications 2100 MHz - 2500 MHz RF/MICROWAVE UP CONVERTER, -2.5 dBm OUTPUT POWER-MAX
|
Maxim Integrated Products, Inc.
|