PART |
Description |
Maker |
FDP20AN06A0 FDB20AN06A0 FDB20AN06A0NL FDP20AN06A0N |
60V N-Channel PowerTrench MOSFET 60V, 45A 20mohm 45 A, 60 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench MOSFET 60V, 45A, 20m N-Channel PowerTrench MOSFET 60V, 45A, 20 milliohm N-Channel PowerTrench?? MOSFET 60V, 45A, 20m??? From old datasheet system N-Channel PowerTrench㈢ MOSFET 60V, 45A, 20mз N-Channel PowerTrench? MOSFET 60V, 45A, 20m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
2SC3254 2SC3254S |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7A I(C) | TO-220AB 60V/7A High-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SB1561 |
Medium Power Transistor (-60V -2A 60V 2A)
|
ROHM[Rohm]
|
2SA1289 2SC3253 2SC3253S 2SC3253R 2SA1289R |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-220AB TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-220AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 60V/5A High-Speed Switching Applications
|
ETC SANYO[Sanyo Semicon Device]
|
FQB17P06 FQI17P06 FQB17P06TM FQI17P06TU |
GIGATRUE 550 CAT6 PATCH 10 FT, SNAGLESS, GRAY 60V P-Channel MOSFET 60V P-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IRFZ44VZ IRFZ44VZL IRFZ44VZS IRFZ44VZPBF |
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 12mohm,身份证\u003d 57A条) 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFZ44E IRFZ44EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
|
IRF[International Rectifier]
|
IRF9Z14 |
-60V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A)
|
IRF[International Rectifier]
|
2SD2318 2SD2318V |
High-current gain Power Transistor (-60V/ -3A) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-current gain Power Transistor(60V/ 3A) High-current gain Power Transistor(60V, 3A)
|
Rohm CO.,LTD.
|
IRF1010E IRF1010EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 12mohm,身份证\u003d 84A条? Power MOSFET(Vdss=60V/Rds(on)=12mohm/Id=84A
|
International Rectifier, Corp.
|