PART |
Description |
Maker |
HM77-11003 HM77-12003 HM77-14004 HM77-13003 HM77-2 |
AUTO TEMP PROTECTED QUAD 60V,700mA/CHNL UDK2559LB WITH TAPE & REEL Power Driver IC; Number of Drivers:4; Power Driver Type:Protected; Supply Voltage Max:7V; Output Current Max:700mA; Package/Case:16-DIP; Driver Type:Power; Leaded Process Compatible:No; Output Current:700mA 超薄表面贴装电感 Low Profile Surface Mount Inductors 超薄表面贴装电感
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC] BI Technologies
|
BZT52C10 BZT52C10-7 BZT52C11 BZT52C11-7 BZT52C12 B |
SURFACE MOUNT ZENER DIODE Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset 16-TSSOP -40 to 85 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
LTC3216 LT3216 LTC3205 LTC3216EDE LT3467 LT3467A L |
1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control
|
LINER[Linear Technology]
|
XC6222D251MR-G |
Reverse Current Protection, 700mA High Speed LDO Regulator
|
Torex Semiconductor
|
BFP193 Q62702-F1282 BFP193Q62702-F1282 |
NPN Silicon RF Transistor (For low noise/ high-gain amplifiers up to 2GHz For linear broadband amplifiers) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
1N4106 1N4104 1N4135-1 1N4099 1N4099-1 1N4100 1N41 |
28 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 LOW CURRENT OPERATION AT 250 uA 低电流操作,50微安 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) SPC 16/ 7-ST-10,16 Low Current Operation at 250μA,Low Reverse Leakage,Low Noise Zener Diode(250μA工作电流、小反向漏电流、低噪声、齐纳二极管)
|
Compensated Deuices Inc... Microsemi, Corp. CDI-DIODE[Compensated Deuices Incorporated] Compensated Devices Incorporated Compensated Deuices Incorpo...
|
TPS79901-EP |
<font color=red>[Old version datasheet]</font> 200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
|
TI store
|
SPX2700 SPX2700AM3-3.3 SPX2700AM3-5.0 SPX2700AT3-3 |
700mA Low Dropout Voltage Regulators With Shutdown(700mA,低压差稳压带关) 700mA的低压差稳压器具有关断(700mA的,低压差稳压器(带关断)) 700mA Low Dropout Voltage Regulators With Shutdown 700mA的低压差稳压器具有关 320 x 240 pixel format, CFL backlight available with power harness 240 x 64 pixel format, CFL, LED, or EL Backlight available
|
SPC Technology Toshiba, Corp. SIPEX[Sipex Corporation]
|
P6KE P6KE39 P6KE39A P6KE180CA P6KE20C P6KE20CA P6K |
Single Output LDO, 200mA, Fixed(1.9V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 16-Bit Bus Transceivers with Bus-Hold and 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-SSOP -40 to 85 16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 Quadruple 2-Input Multiplexers with Storage 16-SSOP/QSOP -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Synchronous 4-Bit Binary Counter 16-SOIC -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 5-DDPAK/TO-263 玻璃钝化结瞬态电压抑制电压为440伏特.8
|
SURGE[Surge Components] Surge Components, Inc.
|
2SA1418 2SC3648 2SC3648T 2SA1418T 2SC3648S |
High-Voltage Switching/ Predriver Applications High-Voltage Switching Predriver Applications High-Voltage Switching, Predriver Applications TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 700MA I(C) | SOT-89 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 700MA I(C) | SOT-89 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 160V五(巴西)总裁| 700mA的一(c)|采用SOT - 89
|
SANYO[Sanyo Semicon Device]
|
|