PART |
Description |
Maker |
LT1993CUD-4 |
900MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 4V/V)
|
Linear Technology
|
MAX2642 MAX2642EXT-T MAX2642-MAX2643 MAX2643 MAX26 |
900MHz SiGe, High-Variable IP3, Low-Noise Amplifier From old datasheet system 900MHz SiGe, High IP3, Low-Noise Amplifiers 900MHz SiGe / High IP3 / Low-Noise Amplifiers Hex inverters 14-SOIC 0 to 70
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
LTC6601CUF-2PBF LTC6601CUF-2 LTC6601CUF-2TRPBF LTC |
LTC6601-2 - Low Power, Low Distortion, Low Power, Low Distortion, 5MHz to 27MHz, Pin Con?gurable Filter/ADC Driver; Package: QFN; Number of Pins: 20; Temperature Range: 0°C to 70°C Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
LINEAR TECHNOLOGY CORP
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
AD8351-EVAL AD8351ARM AD8351ARM-REEL7 AD8351ARMZ |
Low Distortion Differential RF/IF Amplifier SPECIALTY CONSUMER CIRCUIT, PDSO10 Low Distortion Fully Differential RF / IF Amplifier
|
Analog Devices, Inc.
|
MAX2685 MAX2685EEE |
Low-Cost / 900MHz / Low-Noise Amplifier and Downconverter Mixer Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LTC1562ACG 1562F LTC1562C LTC1562 LTC1562AIG LTC15 |
Very Low Noise, Low Distortion Active RC Quad Universal Filter From old datasheet system Very Low Noise Low Distortion Active RC Quad Universal Filter
|
LINER[Linear Technology]
|
AD800703 AD8008 AD8007AKS-R2 AD8008AR AD8008AR-REE |
Low Distortion, High Speed Amp Single Low Distortion High Speed Amp Ultralow Distortion High Speed Amplifiers
|
Analog Devices
|
LTC6401IUD-20TRPBF LTC6401CUD-20TRPBF LTC6400-20 |
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF 1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF 1.3GHz的低噪声,低失真差分ADC驱动器为140MHz的中
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1993CUD-2 LT1993CUD-2TRPBF |
800MHz Low Distortion, Low Noise Differential Amplifier ADC Driver (Av = 2V/V)
|
Linear Technology
|
LTC6400-20 |
1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Maxim Integrated Products
|