PART |
Description |
Maker |
HSMP-4810 HSMP-3810 HSMP-3812 HSMP-3814 HSMP-3813 |
Surface Mount RF PIN Low Distortion Attenuator Diodes DEMO-HSMP38-XX · Demonstration Circuit Board HSMP-4810 · Low inductance PIN attenuator diode HSMP-481B · Low inductance PIN attenuator diode HSMP-381F · Low distortion PIN attenuator diode HSMP-3814 · Low distortion PIN attenuator diode HSMP-381C · Low distortion PIN attenuator diode HSMP-381E · Low distortion PIN attenuator diode HSMP-381B · Low distortion PIN attenuator diode HSMP-3813 · Low distortion PIN attenuator diode HSMP-3812 · Low distortion PIN attenuator diode HSMP-3810 · Low distortion PIN attenuator diode
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
LT6402IUD-12 LT6402IUD-12-PBF LT6402IUD-12-TR LT64 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
|
Linear Technology
|
BFS482 |
NPN Silicon RF Transistor for low noi...
|
Infineon
|
BFP280W |
NPN Silicon RF Transistor for low noi...
|
Infineon
|
BFR93A |
NPN Silicon RF Transistor for low noi...
|
Infineon
|
HSMP-3810 HSMP-3814 DEMO-HSMP38-XX HSMP-481B |
Surface Mount RF PIN Low Distortion Attenuator Diodes(表贴型射PIN 低衰减失真二极管) 演示电路 Low Distortion Pin Attenuator Diode
|
AGILENT
|
Q62702-F1611 BFP81 |
NPN Silicon RF Transistor for low noi... NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.) Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
LTC6401-8 LTC6401CUD-8-PBF LTC6401CUD-8-TRPBF LTC6 |
2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
|
Linear Technology, Corp.
|
Q62702-F1049 BFQ81 |
NPN Silicon RF Transistor for low noi... NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
LTC6400-14 LTC6400CUD-14-PBF LTC6400CUD-14-TRPBF L |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology
|
LT1993-4 |
900MHz Low Distortion - Low Noise Differential Amplifier/ADC Driver
|
Linear Technology
|