PART |
Description |
Maker |
MIC2601 |
1.2A - 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
|
MICREL
|
MIC260509 MIC2606 |
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
|
Micrel Semiconductor
|
LQH3C4R7K24 LT1931AIS5 LQH3C100K24 ELJPC4R7MF CTX1 |
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
|
Linear Technology
|
LT1931A LT1931 LT1931ES5 |
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT 1A, 2.2MHz, Inverting DC/DC Converter in SOT-23
|
http:// Linear Technology Corporation
|
RT8064 RT8064ZQW |
2A, 2MHz, Synchronous Step-Down Converter High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
|
Richtek Technology Corp...
|
LT1638HS8 LT1639HS LT1638CDD LT1638IDD LT1638IMS8 |
1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1.2MHz, 0.4V/μs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/渭s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/レs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
|
LINEAR TECHNOLOGY CORP
|
3DC1111LPCAP 3DC11CAP-0477J 3DC11CAP-0238J 3DC11CA |
SMD CAP 3D Coil 11x11x3 mm (7.2mH - 2.38mH) Low profile SMD 3D Coil 11x11x3.6 mm (7.2 mH - 2.38 mH) with cap
|
PREMO CORPORATION S.L
|
LT3971 |
2MHz Step-Down Regulator
|
Linear Technology
|
TS1935BCX5RFG TS1935B-13 |
1.9A / 1.2MHz Boost DC to Dc Converter
|
Taiwan Semiconductor Compan... Taiwan Semiconductor Co...
|
CMDSH2-3 SM8237 LB2012B220M LQH3C220 CMDSH-3 LEM25 |
1.2MHz STEP-UP CONVERTER
|
SamHop Microelectronics Corp.
|
APW7277 |
5V 5A 1.2MHz Synchronous Boost Converter
|
Anpec Electronics Corop...
|
AAT1218ITP-1.2-T1 AAT1218IWP-3.3-T1 AAT1218 AAT121 |
1A, 1.2MHz Synchronous Boost Converter
|
Advanced Analogic Technologies
|