PART |
Description |
Maker |
TC83230-0015 |
TC83230-0015: Single-Chip CMOS LSI for Calculators with Printers Single-Chip CMOS LSI for Calculators with Printers (applicable printer heads: M31/M31A manufactured by EPSON)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
LC6543 LC6543C LC6543H LC6546C LC6546H |
CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTERS FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
|
Sanyo Semicon Device
|
LC86E6232 |
8-Bit Single-Chip Microcomputer CMOS LSI
|
Sanyo
|
LC67216A |
CMOS LSI 4 BIT SINGLE CHIP MICRO COMPUTER
|
SANYO[Sanyo Semicon Device]
|
LC5850 |
CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVER
|
Sanyo Semicon Device
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
LC866008A LC866012A LC866016A LC866020A LC866016AD |
8-BIT, MROM, MICROCONTROLLER, PDIP64 CMOS LSI 8-Bit Single Chip Microcomputer From old datasheet system 8-BIT, MROM, 12.24 MHz, MICROCONTROLLER, PDIP64
|
SANYO[Sanyo Semicon Device]
|
JT7988Y-AS |
SINGLE-CHIP CMOS LSI FOR LCD CALCULATORS
|
TOSHIBA
|
LV4147W |
Bi-CMOS LSI For LCD Panel Drive Single Chip IC
|
Sanyo Semicon Device
|
LV4138W |
Bi-CMOS LSI For LCD Panel Drive Single Chip IC
|
Sanyo Semicon Device
|