PART |
Description |
Maker |
IRF460 IRF460NBSP IRF460PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 500V, N-CHANNEL N-Channel Enhancement MOSFET From old datasheet system TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21) REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-204AA/AE)
|
IRF[International Rectifier]
|
IRF840LCL IRF840LCSTRR |
500V Single N-Channel HEXFET Power MOSFET in a TO-262 package 500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFP460LC IRFP460LCPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRFP31N50L IRFP31N50LPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRFP23N50L IRFP23N50LPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRF830A IRF830APBF |
HEXFET Power MOSFET HEXFET功率MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier, Corp.
|
94-3219 IRFI840GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier
|
IRFI840GLC IRFI840GLCPBF |
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=4.5A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRH7450 2035 IRH8450 |
500V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-204AA package 500V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-204AA package From old datasheet system HEXFET? TRANSISTOR
|
International Rectifier
|
19MT050XF |
500V Single N-Channel HEXFET Power MOSFET in a MTP package FULL BRIDGE FREDFET MTP HEXFET POWER MOSFET From old datasheet system
|
IRF[International Rectifier]
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFP460N IRFP460NPBF |
Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)最大值\u003d 0.24ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|