PART |
Description |
Maker |
SEF112B |
1.0 A High Voltage Ultrafast Rectif
|
SeCoS Halbleitertechnologie GmbH
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
LTC1697 LTC1697EMS LTC1697EMSPBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Power 1W CCFL Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
1N5816 1N5803 1N5805 1N5810 1N5802 1N5809 1N5808 |
ULTRA FAST RECTIFIERS RECTIFIERS HIGH EFFICIENCY/ ESP/ 2.5 AMP TO 20 AMP RECTIFIERS HIGH EFFICIENCY ESP 2.5 AMP TO 20 AMP
|
MICROSEMI[Microsemi Corporation]
|
ISL9104IRUNZ-T ISL9104IRUBZ-T |
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R 1.35 A SWITCHING REGULATOR, 4900 kHz SWITCHING FREQ-MAX, PQCC6
|
Intersil, Corp. INTERSIL CORP
|
CS3972YTVA5 CS3972YTHA5 CS3972 CS3972YDW16 CS3972Y |
1.25A High Efficiency Switching Regulator 5V/ 750mA Linear Regulator with RESET RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
1N5811 1N5811US JANTXV1N5811 1N5802 1N5804 1N5806 |
UltraFastRectifier(lessthan100ns)
MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
|
MICROSEMI[Microsemi Corporation]
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
LT1371CRPBF LT1371HVIRPBF |
500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C
|
NXP Semiconductors N.V. LINEAR TECHNOLOGY CORP
|
HER201 HER207 HER208 HER203 |
2.0 AMP HIGH EFFICIENCY RECTIFIERS
|
UNIOHM CORPORATION
|