PART |
Description |
Maker |
HCS109HMSR HCS109KMSR FN2466 HCS109MS HCS109D HCS1 |
Radiation Hardened Dual JK Flip Flop HC/UH SERIES, DUAL POSITIVE EDGE TRIGGERED J-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Dual JK Flip Flop(抗辐射双J-K触发 辐射加固JK触发器拖鞋(抗辐射双JK触发器) From old datasheet system Flip Flop, JK, Dual, Rad-Hard, High-Speed, CMOS, Logic
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74ALS74A 74ALS74AD 74ALS74ADB 74ALS74AN 74ALS74 |
Dual D-type flip-flop with set and reset ALS SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC10H131FNG MC10H131FN MC10H13106 MC10H135FNG MC10 |
Dual D Type Master?Slave Flip?Flop Dual D Type Master−Slave Flip−Flop Dual J?K Master?Slave Flip?Flop Universal Hexadecimal Counter Four?Bit Universal Shift Register Quad 2?Input Multiplexer (Non?Inverting) 12?Bit Parity Generator?Checker Binary to 1?8 Decoder (Low) Binary to 1?8 Decoder (High) 8?Line Multiplexer 8?Input Priority Encoder 5?Bit Magnitude Comparator Dual Binary to 1?4?Decoder (High)
|
ONSEMI[ON Semiconductor]
|
57401AJ/883B C57401AJ/883B 57401J 57401L 57402J 57 |
DUAL 'D' - TYPE FLIP-FLOP x5 Asynchronous FIFO 7 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS QUAD BILATERAL SWITCH DUAL-J-K MASTER-SLAVE FLIP-FLOP X5的异步FIFO x4 Asynchronous FIFO x4异步FIFO
|
Atmel, Corp. NIC Components, Corp.
|
74LCX74M 74LCX74 |
LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS DualD-TypeFlip-Flop
|
STMicroelectronics
|
MC14027 MC14027B MC14027BCP MC14027BD MC14027BDR2 |
Dual J-K Flip-Flop 4000/14000/40000 SERIES, DUAL POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP16
|
TE Connectivity, Ltd. ONSEMI[ON Semiconductor]
|
74LVX112M 74LVX112MTC 74LVX112 74LVX112SJX |
J-K-Type Flip-Flop Low Voltage Dual J-K Flip-Flops with Preset and Clear From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCXH162374MTX 74LCXH162374 74LCXH162374GX 74LCXH |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC10EP29MNTXG |
3.3V / 5V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset 10E SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, QCC20
|
ON Semiconductor
|
NC7SP74K8X NC7SP74L8X NC7SP74 |
TinyLogic ULP D-Type Flip-Flop with Preset and Clear P SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|