PART |
Description |
Maker |
FDB035AN06A0 FDB035AN06A0NL |
N-Channel PowerTrench MOSFET 60V/ 80A/ 3.5m N-Channel PowerTrench MOSFET 60V, 80A, 3.5mз Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 0.0035 Ohms @ VGS = 10V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V, 80A, 3.5mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
BSP75G BSP75G2 |
Ultra Low Capacitance Transient Voltage Suppressor Diodes 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET?/a> MOSFET 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET⑩ MOSFET 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET??MOSFET IntelliFET 60V self protected MOSFET
|
List of Unclassifed Manufacturers ETC N.A. Zetex Semiconductors
|
FDD26AN06A0 |
60V N-Channel PowerTrench MOSFET 60V, 36A, 26mO
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFM044 |
60V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 60V, N-CHANNEL
|
International Rectifier
|
IRFZ44E IRFZ44EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
|
IRF[International Rectifier]
|
IRFP054V |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A?
|
Power MOSFET International Rectifier
|
IRFI064 IRFI064-15 |
Simple Drive Requirements TRANSISTOR N-CHANNEL(Vdss=60V/ Rds(on)=0.017ohm/ Id=45A*) TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*) 60V Single N-Channel Hi-Rel MOSFET in a TO-259AA package
|
International Rectifier
|
HUF76432P3 FN4673 HUF76432S3S HUF76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直|6A条(丁)|63AB Dual Differential Drivers And Receivers 16-TSSOP -40 to 85 59 A, 60 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
STB45NF06 |
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFETPOWER MOSFET N沟道60V 0.022ohm - 38A条采用D2PAK STripFET⑩功率MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET POWER MOSFET N-CHANNEL 60V 0.022OHM 38A D2PAK STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDB024N06 |
N-Channel PowerTrench? MOSFET 60V, 265A, 2.4mΩ N-Channel PowerTrench㈢ MOSFET 60V, 265A, 2.4mヘ
|
Fairchild Semiconductor
|