PART |
Description |
Maker |
ADM6710AARJZ-REEL7 ADM6710HARJZ-REEL7 ADM6710CARJZ |
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 低电压,高精度,四路电压监控电路
|
Analog Devices, Inc. Infineon Technologies AG
|
ADM6710DARJZ-REEL7 ADM6710FARJZ-REEL7 ADM6710GARJZ |
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
|
Analog Devices AD
|
633-60 633-250 633-45 633-40 633-10 633-100 633-35 |
Low-Voltage, High-Accuracy, Quad Voltage Monitors in µMAX Package Logic IC 逻辑IC
|
Keystone Electronics, Corp.
|
ADR4520 ADR4525 |
Ultra-Low-Noise, High-Accuracy 2.048V Voltage Reference Ultra-Low-Noise, High-Accuracy 2.5V Voltage Reference
|
Analog Devices
|
TC53 TC53N3002ETR TC53C1802CTTR TC53C1802ETR TC53C |
The TC53 is a low power voltage detector. Typical supply current consumption is only 1A at an input voltage of 2V. The voltage detection threshold setting is factory-programmed and guaranteed to ±2% accuracy. Threshold settings are a
|
MICROCHIP[Microchip Technology]
|
PCS2P5T915A PCS2I5T915AG PCS2P5T915AG |
Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
|
PulseCore Semiconductor
|
TPS7A91 |
<font color=red>[Old version datasheet]</font> 1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
|
TI store
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
NJU7091 NJU7091A NJU7092A NJU7093A NJU709XAF |
RF/Coaxial Connector Adapter; RF Coax Type:N; Contact Termination:Crimp; Body Style:Right Angle Adapter, Plug-Jack; Approval Categories:UG-29A/U; Body Plating:Nickel RoHS Compliant: Yes 低功耗和低失调电压小单的C - MOS运算放大 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 LOW-POWER AND LOW-OFFSET-VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
ADP3307ART-33 ADP3307ART-32 |
High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP100 mA Low Dropout Linear Regulator 高精anyCAP⑩一○○毫安低压差线性稳压器
|
Analog Devices, Inc.
|